Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124EM Datasheet(PDF) 1 Page - Rohm

Part # DTA124EM
Description  -100mA / -50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA124EM Datasheet(HTML) 1 Page - Rohm

  DTA124EM Datasheet HTML 1Page - Rohm DTA124EM Datasheet HTML 2Page - Rohm DTA124EM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.B
Abbreviated symbol : 15
Abbreviated symbol : 15
Abbreviated symbol : 15
Abbreviated symbol : 15
(1) IN
(2) GND
(3) OUT
ROHM : VMT3
DTA124EM
(1) GND
(2) IN
(3) OUT
ROHM : EMT3
DTA124EE
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(1) GND
(2) IN
(3) OUT
ROHM : SMT3
EIAJ : SC-59
DTA124EKA
(1) GND
(2) IN
(3) OUT
ROHM : UMT3
EIAJ : SC-70
DTA124EUA
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
-100mA / -50V Digital transistors
(with built-in resistors)
DTA124EM / DTA124EE / DTA124EUA / DTA124EKA
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Features
1)Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input
resistors (see the equivalent circuit).
2)The bias resistors consist of thin-film resistors with complete
isolation to allow positive biasing of the input.
They also have the advantage of almost completely eliminating
parasitic effects.
3)Only the on / off conditions need to be set for operation,
making the device design easy.
Structure
PNP epitaxial planar silicon transistor
(Resistor built-in type)
Packaging specifications
TL
UMT3
EMT3
SMT3
DTA124EE
DTA124EM
Type
DTA124EUA
3000
T2L
VMT3
8000
T106
3000
T146
3000
DTA124EKA
Package
Packaging type
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)
Inner circuit
R1
R2
IN
R1=R2=22k
Ω
GND(+)
OUT
IN
GND(+)
OUT


Similar Part No. - DTA124EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EM ROHM-DTA124EM Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTA124EM ROHM-DTA124EM Datasheet
92Kb / 4P
   Digital transistors (built-in resistors)
DTA124EM ROHM-DTA124EM Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EM ROHM-DTA124EM Datasheet
79Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
Taiwan Semiconductor Co...
DTA124EM TSC-DTA124EM Datasheet
201Kb / 3P
   PNP Small Signal Transistor
More results

Similar Description - DTA124EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
   100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com