Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD0111A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TD0111A
Description  SAW Resonator 403.55 MHz TO39
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TD0111A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TD0111A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TD0111A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TD0111A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 403.55 MHz
MODEL NO.: TD0111A
REV. NO.:2
A. FEATURES:
1. 2-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Reference Temperature TA=25℃
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fc
MHz
403.429
403.550
403.671
Insertion Loss IL
dB
-
4.9
9
Unload quality factor QU
6000
13800
-
Ageing of fc
ppm/yr
-
-
±
10
Motional capacitance C1
fF
-
0.38
-
Motional inductance L1
μ
H
-
405.94
-
Motional resistance R1
Ohm
-
74.55
-
Parallel capacitance Co
pF
-
1.71
-
Frequency Temperature coefficient (TCf)
ppm/c*2
-
0.032
-
Turnover To
deg.C
10
25
40
Package size
TO39
Temperature dependence of fc: fc(TA)=fc(TO)(1+TCf(TA-TO)2)
D.OUTLINE DRAWING:


Similar Part No. - TD0111A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TD0110A TAI-SAW-TD0110A Datasheet
319Kb / 4P
   SAW Resonator 868.35 MHz SMD5X5
logo
Golledge Electronics Lt...
TD0110A GOLLEDGE-TD0110A Datasheet
146Kb / 4P
   SAW Filter 868.35MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TD0112A TAI-SAW-TD0112A Datasheet
212Kb / 3P
   SAW Resonator 414.25 MHz TO39
TD0114A TAI-SAW-TD0114A Datasheet
328Kb / 4P
   Two-Port SAW Resonator 434.42MHz SMD5X5mm
logo
Golledge Electronics Lt...
TD0114A GOLLEDGE-TD0114A Datasheet
80Kb / 4P
   433.420MHz SAW Resonator
More results

Similar Description - TD0111A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3120C MURATA-RO3120C Datasheet
395Kb / 2P
   403.55 MHz SAW Resonator
RO3120A MURATA-RO3120A Datasheet
391Kb / 2P
   403.55 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2120A RFM-RO2120A Datasheet
100Kb / 2P
   403.55 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3300E MURATA-RO3300E Datasheet
99Kb / 2P
   403.55 MHz SAW Resonator
RO3300E MURATA-RO3300E_15 Datasheet
207Kb / 2P
   403.55 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0272A TAI-SAW-TC0272A Datasheet
286Kb / 4P
   SAW Resonator 403.55 MHz SMD3X3 mm
logo
Vanlong Technology Co.,...
SQ403 VANLONG-SQ403 Datasheet
121Kb / 2P
   403.55 MHz Two-Port SAW Resonator
SR5501 VANLONG-SR5501 Datasheet
93Kb / 2P
   403.55 MHz One Port SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0203A TAI-SAW-TC0203A Datasheet
246Kb / 3P
   SAW Resonator 433.420 MHz TO39
TC0143A TAI-SAW-TC0143A Datasheet
240Kb / 3P
   SAW Resonator 303.825 MHz TO39
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com