Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU52051NVX Datasheet(PDF) 8 Page - Rohm

Part # BU52051NVX
Description  Omnipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52051NVX Datasheet(HTML) 8 Page - Rohm

Back Button BU52051NVX Datasheet HTML 4Page - Rohm BU52051NVX Datasheet HTML 5Page - Rohm BU52051NVX Datasheet HTML 6Page - Rohm BU52051NVX Datasheet HTML 7Page - Rohm BU52051NVX Datasheet HTML 8Page - Rohm BU52051NVX Datasheet HTML 9Page - Rohm BU52051NVX Datasheet HTML 10Page - Rohm BU52051NVX Datasheet HTML 11Page - Rohm BU52051NVX Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,
BU52015GUL,BU52025G,BU52051NVX, BD7411G
8/19
www.rohm.com
2010.01 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BU52021HFV, BU52025G (VDD=2.4V~3.6V type)
BD7411G (VDD=4.5V~5.5V type)
Fig.24
Bop,Brp–
Ambient temperature
Fig.25
Bop,Brp– Supply voltage
Fig.26 IDD – Ambient
temperature
Fig.27 IDD – Supply voltage
Fig.18
Bop,Brp–
Ambient temperature
Fig.19 Bop,Brp– Supply voltage
Fig.22 IDD – Ambient
temperature
Fig.23 IDD – Supply voltage
Fig.20 TP – Ambient
temperature
Fig.21 TP – Supply voltage
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-60 -40 -20 0 20 40 60 80 100
AMBIENT TEMPERATURE [℃]
Bop S
Brp N
Bop N
VDD=3.0V
Brp S
0
10
20
30
40
50
60
70
80
90
100
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=3.0V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
2.0
2.4
2.8
3.2
3.6
4.0
SUPPLY VOLATAGE [V]
Ta = 25°C
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-60 -40 -20 0 20 40 60 80 100
AMBIENT TEMPERATURE [℃]
Bop S
Brp S
Brp N
Bop N
VDD=5.0V
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
4.04.5
5.05.56.0
SUPPLY VOLTAGE [V]
Bop S
Brp S
Brp N
Bop N
Ta = 25°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-60 -40 -20
0
20 40 60
80 100
AMBIENT TEMPERATURE [℃]
VDD=5.0V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE [V]
Ta = 25°C
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
2.0
2.4
2.8
3.2
3.6
4.0
SUPPLY VOLTAGE [V]
Bop S
Brp N
Bop N
Brp S
Ta = 25°C
0
10
20
30
40
50
60
70
80
90
100
2.0
2.4
2.8
3.2
3.6
4.0
SUPPLY VOLTAGE [V]
Ta = 25°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=3.0V


Similar Part No. - BU52051NVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52051NVX ROHM-BU52051NVX Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52051NVX ROHM-BU52051NVX Datasheet
619Kb / 32P
   Omnipolar detection, Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
More results

Similar Description - BU52051NVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52001GUL ROHM-BU52001GUL_11 Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com