Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU52013HFV Datasheet(PDF) 10 Page - Rohm

Part # BU52013HFV
Description  Unipolar Detection Hall ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52013HFV Datasheet(HTML) 10 Page - Rohm

Back Button BU52013HFV Datasheet HTML 6Page - Rohm BU52013HFV Datasheet HTML 7Page - Rohm BU52013HFV Datasheet HTML 8Page - Rohm BU52013HFV Datasheet HTML 9Page - Rohm BU52013HFV Datasheet HTML 10Page - Rohm BU52013HFV Datasheet HTML 11Page - Rohm BU52013HFV Datasheet HTML 12Page - Rohm BU52013HFV Datasheet HTML 13Page - Rohm BU52013HFV Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Technical Note
BU52002GUL,BU52003GUL,BU52012HFV,BU52013HFV
10/13
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Intermittent Operation at Power ON
The unipolar detection Hall IC adopts an intermittent operation method in detecting the magnetic field during startup, as
shown in Fig. 37. It outputs to the appropriate terminal based on the detection result and maintains the output condition
during the standby period. The time from power ON until the end of the initial startup period is an indefinite interval, but it
cannot exceed the maximum period, 100ms. To accommodate the system design, the Hall IC output read should be
programmed within 100ms of power ON, but after the time allowed for the period ambient temperature and supply voltage.
Magnet Selection
Of the two representative varieties of permanent magnet, neodymium generally offers greater magnetic power per volume
than ferrite, thereby enabling the highest degree of miniaturization, Thus, neodymium is best suited for small equipment
applications. Fig. 38 shows the relation between the size (volume) of a neodymium magnet and magnetic flux density. The
graph plots the correlation between the distance (L) from three versions of a 4mm X 4mm cross-section neodymium magnet
(1mm, 2mm, and 3mm thick) and magnetic flux density. Fig. 39 shows Hall IC detection distance – a good guide for
determining the proper size and detection distance of the magnet. Based on the BU52012HFV,BU52013HFV operating point
max 5.0 mT, the minimum detection distance for the 1mm, 2mm and 3mm magnets would be 7.6mm, 9.22mm, and 10.4mm,
respectively. To increase the magnet’s detection distance, either increase its thickness or sectional area.
Power ON
VDD
Startup time
Standby time
Standby time
Startup time
(Intermittentaction)
Indefinite
OUT
(No magnetic
field present)
Indefinite
OUT
(Magnetic
field present)
Low
High
Supply current
Fig.37
0
1
2
3
4
5
6
7
8
9
10
02
46
8
10
12
14
16
18
20
Distance between magnet and Hall IC [mm]
Fig.38
7.6mm
t=3mm
t=1mm
t=2mm
9.2mm 10.4mm
Magnet material: NEOMAX-44H (material)
Maker: NEOMAX CO.,LTD.
X=Y=4mm
t=1mm,2mm,3mm
X
t
Y
…Flux density measuring point
L: Variable
t
Fig.39 Magnet Dimensions and Flux Density Measuring Point
Magnet size
Magnet


Similar Part No. - BU52013HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52013HFV ROHM-BU52013HFV Datasheet
185Kb / 6P
   Hall effect Switch
BU52013HFV ROHM-BU52013HFV Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52013HFV ROHM-BU52013HFV Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52013HFV ROHM-BU52013HFV Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results

Similar Description - BU52013HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com