Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU52040HFV Datasheet(PDF) 4 Page - Rohm

Part # BU52040HFV
Description  Bipolar Latch Hall IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52040HFV Datasheet(HTML) 4 Page - Rohm

  BU52040HFV Datasheet HTML 1Page - Rohm BU52040HFV Datasheet HTML 2Page - Rohm BU52040HFV Datasheet HTML 3Page - Rohm BU52040HFV Datasheet HTML 4Page - Rohm BU52040HFV Datasheet HTML 5Page - Rohm BU52040HFV Datasheet HTML 6Page - Rohm BU52040HFV Datasheet HTML 7Page - Rohm BU52040HFV Datasheet HTML 8Page - Rohm BU52040HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BU52040HFV
Technical Note
4/12
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Reference Data
Block Diagram
BU52040HFV
PIN No.
PIN NAME
FUNCTION
COMMENT
1
N.C.
OPEN or Short to GND.
2
GND
GROUND
3
N.C.
OPEN or Short to GND.
4
VDD
POWER SUPPLY
5
OUT
OUTPUT
OUT
GND
DD
TIMING LOGIC
×
HALL
ELEMENT
2
5
4
Fig.12
0.1 µF
Reverse
1
2
5
3
3
Surface
1
4
5
2
4
Fig.7 Bop,Brp– Supply voltage
Fig.8 TP– Ambient temperature
Fig.9 TP– Supply voltage
Fig.10 IDD– Ambient temperature
Fig.11 IDD – Supply voltage
Fig.6
Bop,Brp–
Ambient temperature
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-60 -40 -20 0 20 40 60 80 100
AMBIENT TEMPERATURE [℃]
Bop
Brp
VDD=1.8V
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
Bop
Brp
100
150
200
250
300
350
400
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
200
300
400
500
600
700
800
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=1.8V
200
300
400
500
600
700
800
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
100
150
200
250
300
350
400
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=1.8V
Adjust the bypass capacitor
value as necessary, according
to voltage noise conditions, etc.
The CMOS output terminals enable
direct connection to the PC, with no
external pull-up resistor required.


Similar Part No. - BU52040HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
   Bipolar latch type Hall effect IC
More results

Similar Description - BU52040HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
   Bipolar latch type Hall effect IC
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
SeCoS Halbleitertechnol...
SH177 SECOS-SH177 Datasheet
488Kb / 5P
   Hall Effect Latch IC
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
U18 UTC-U18_15 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com