Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU52012HFV Datasheet(PDF) 7 Page - Rohm

Part # BU52012HFV
Description  Unipolar Detection Hall ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52012HFV Datasheet(HTML) 7 Page - Rohm

Back Button BU52012HFV Datasheet HTML 3Page - Rohm BU52012HFV Datasheet HTML 4Page - Rohm BU52012HFV Datasheet HTML 5Page - Rohm BU52012HFV Datasheet HTML 6Page - Rohm BU52012HFV Datasheet HTML 7Page - Rohm BU52012HFV Datasheet HTML 8Page - Rohm BU52012HFV Datasheet HTML 9Page - Rohm BU52012HFV Datasheet HTML 10Page - Rohm BU52012HFV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Technical Note
BU52002GUL,BU52003GUL,BU52012HFV,BU52013HFV
7/13
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Block Diagram
BU52002GUL, BU52003GUL
PIN No.
PIN Name
Function
Comment
A1
VDD
POWER SUPPLY
A2
GND
GROUND
B1
OUT
OUTPUT
B2
N.C.
OPEN or Short to GND.
BU52012HFV, BU52013HFV
PIN No.
PIN NAME
FUNCTION
COMMENT
1
N.C.
OPEN or Short to GND.
2
GND
GROUND
3
N.C.
OPEN or Short to GND.
4
VDD
POWER SUPPLY
5
OUT
OUTPUT
OUT
GND
VDD
TIMING LOGIC
×
HALL
ELEMENT
A2
B1
A1
Fig.30
0.1μF
OUT
GND
DD
TIMING LOGIC
×
HALL
ELEMENT
2
5
4
Fig.31
0.1µF
A1
B2
B1
A2
Reverse
A2
B2
B1
A1
Surface
Reverse
1
2
5
3
3
Surface
1
4
5
2
4
The CMOS output terminals enable
direct connection to the PC, with no
external pull-up resistor required.
Adjust the bypass capacitor
value as necessary, according
to voltage noise conditions, etc.
The CMOS output terminals enable direct
connection to the PC, with no external pull-up
resistor required
Adjust the bypass capacitor
value as necessary, according
to voltage noise conditions, etc.


Similar Part No. - BU52012HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
   Hall effect Switch
BU52012HFV ROHM-BU52012HFV Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV ROHM-BU52012HFV Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV ROHM-BU52012HFV Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results

Similar Description - BU52012HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com