Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4538B-E2 Datasheet(PDF) 2 Page - Rohm

Part # BU4538B-E2
Description  High Voltage CMOS Logic ICs Logic>
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4538B-E2 Datasheet(HTML) 2 Page - Rohm

  BU4538B-E2 Datasheet HTML 1Page - Rohm BU4538B-E2 Datasheet HTML 2Page - Rohm BU4538B-E2 Datasheet HTML 3Page - Rohm BU4538B-E2 Datasheet HTML 4Page - Rohm BU4538B-E2 Datasheet HTML 5Page - Rohm BU4538B-E2 Datasheet HTML 6Page - Rohm BU4538B-E2 Datasheet HTML 7Page - Rohm BU4538B-E2 Datasheet HTML 8Page - Rohm BU4538B-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
2/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
When used at Ta=25℃ or higher the value above is reduced per 1℃. Power Dissipation
is measured by using the sample mounted on a 70mm×70mm×1.6mm
FR4 glass-epoxy PCB (cupper area is less than 3%)
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
BU4015B
BU4021B
BU4094BC
BU4538B
BU4028B
Power Supply Voltage
VDD
-0.3 to 18
V
Supply Current
Iin
±10
mA
Operating Temperature
Topr
-40 to 85
Storage Temperature
Tstg
-55 to 150
Input Voltage
VIN
-0.3 to VDD+0.3
V
Maximum Junction Temperature
Tjmax
150
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
BU4015B
BU4021B
BU4094BC
BU4538B
BU4028B
Operating Power Supply
VDD
3 to 16 (3 to 18V @BU4094BC)
V
Input Voltage
VIN
0 to VDD
V
Thermal Derating Curve
Input / Output Equivalent Circuits
(*1)
(*2)
(*3)
Unit
10.0
5.0
3.1
mW/℃
Input>
Output>
VDD
GND
VDD
GND
VDD
VDD
GND
GND
1400
1200
1000
800
400
0
25
50
75
100
125
150
175
Ambient temperature Ta [℃]
85℃
600
200
1250[mV] BU4***
(*1)
620[mV] BU4***FV
(*2)
380[mV] BU4***F
(*3)
(*)Below shows BU4***
BU4015B
BU4021B
BU4094BC
BU4538B
BU4028B


Similar Part No. - BU4538B-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
More results

Similar Description - BU4538B-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
logo
Silicon Supplies
CD4013B SS-CD4013B Datasheet
692Kb / 6P
   CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com