Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6624J-QMLV Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6624J-QMLV
Description  ULTRA LOW NOISE WIDEBAND OP AMP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6624J-QMLV Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6624J-QMLV Datasheet HTML 1Page - National Semiconductor (TI) LMH6624J-QMLV Datasheet HTML 2Page - National Semiconductor (TI) LMH6624J-QMLV Datasheet HTML 3Page - National Semiconductor (TI) LMH6624J-QMLV Datasheet HTML 4Page - National Semiconductor (TI) LMH6624J-QMLV Datasheet HTML 5Page - National Semiconductor (TI) LMH6624J-QMLV Datasheet HTML 6Page - National Semiconductor (TI) LMH6624J-QMLV Datasheet HTML 7Page - National Semiconductor (TI) LMH6624J-QMLV Datasheet HTML 8Page - National Semiconductor (TI) LMH6624J-QMLV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MICROCIRCUIT DATA SHEET
MNLMH6624-X REV 1A0
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage (Vs)
+6 Vdc
Common Mode Input Voltage (Vcm)
V+ - V-
Differential Input Voltage (Vin)
+1.2V
Maximum Power Dissipation (Pd)
(Note 2)
1.0W
Lead Temperature
+300 C
(Soldering, 10 seconds)
Junction Temperature (Tj)
+175 C
Storage Temperature Range
-65 C < Ta < +150 C
Thermal Resistance
ThetaJa
Junction-to-ambient
CERAMIC DIP
130 C/W
(Still Air Flow)
70 C/W
(500LF/Min Air Flow)
CERAMIC SOIC
180 C/W
(Still Air Flow)
115 C/W
(500LF/Min Air Flow)
ThetaJC
17 C/W
CERAMIC DIP
20 C/W
CERAMIC SOIC
Package Weight
(Typical)
1090mg
CERAMIC DIP
220mg
CERAMIC SOIC
ESD Tolerance
(Note 3)
2000 V
ESD Rating
Note 1:
Absolute Maximum Ratings are limits beyond which damage to the device may occur.
Operating Ratings are conditions for which the device is functional, but do not
guarantee specific performance limits.
For guaranteed specifications and test
conditions see the Electrical Characteristics.
The guaranteed specifications apply
only for the test conditions listed.
Some performance characteristics may degrade
when the device is not operated within the listed test conditions.
Note 2:
The maximum power dissipation must be derated at elevated temperatures and is
dictated by Tjmax (maximum junction temperature), ThetaJA (package junction to
ambient thermal resistance), and TA (ambient temperature).
The maximum allowable
power dissipation at any temperature is Pdmax = (Tjmax - TA) / ThetaJA or the number
given in the Absolute Maximum Ratings, whichever is lower.
Note 3:
Human body model, 100 pF discharged through 1.5K Ohms.
3


Similar Part No. - LMH6624J-QMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 NSC-LMH6624 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
LMH6624 TI-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624 Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results

Similar Description - LMH6624J-QMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com