Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4832 Datasheet(PDF) 3 Page - Rohm

Part # BU4832
Description  Low Voltage Standard CMOS Voltage Detector IC Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4832 Datasheet(HTML) 3 Page - Rohm

  BU4832 Datasheet HTML 1Page - Rohm BU4832 Datasheet HTML 2Page - Rohm BU4832 Datasheet HTML 3Page - Rohm BU4832 Datasheet HTML 4Page - Rohm BU4832 Datasheet HTML 5Page - Rohm BU4832 Datasheet HTML 6Page - Rohm BU4832 Datasheet HTML 7Page - Rohm BU4832 Datasheet HTML 8Page - Rohm BU4832 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Technical Note
3/8
BU48
□□G, BU48□□F, BU48□□FVE, BU49□□G, BU49□□F, BU49□□FVE series
www.rohm.com
2009.06 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Electrical characteristics (Unless Otherwise Specified Ta=-25 to 125°C)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Circuit Current when ON
IDD1
VDD=VDET-0.2V
VDET =0.9-1.3V
-
0.15
0.88
µA
VDET =1.4-2.1V
-
0.20
1.05
VDET =2.2-2.7V
-
0.25
1.23
VDET =2.8-3.3V
-
0.30
1.40
VDET =3.4-4.2V
-
0.35
1.58
VDET =4.3-4.8V
-
0.40
1.75
Circuit Current when OFF
IDD2
VDD=VDET+2.0V
VDET =0.9-1.3V
-
0.30
1.40
µA
VDET =1.4-2.1V
-
0.35
1.58
VDET =2.2-2.7V
-
0.40
1.75
VDET =2.8-3.3V
-
0.45
1.93
VDET =3.4-4.2V
-
0.50
2.10
VDET =4.3-4.8V
-
0.55
2.28
Operating Voltage Range
VOPL
VOL
≤0.4V, Ta=25~125°C, RL=470kΩ
0.70
-
-
V
VOL
≤0.4V, Ta=-40~25°C, RL=470kΩ
0.90
-
-
‘Low’ Output Current (Nch)
IOL
VDS=0.05V
VDD=0.85V
20
100
-
µA
VDS=0.5V
VDD=1.5V
VDET=1.7-4.8V
1.0
3.3
-
mA
VDS=0.5V
VDD=2.4V
VDET=2.7-4.8V
4.0
7.2
-
‘High’ Output Current (Pch)
(only BU49
□□G/F/FVE)
IOH
VDS=0.5V
VDD=4.8V
VDET=0.9-3.9V
1.7
3.4
-
mA
VDS=0.5V
VDD=6.0V
VDET=4.0-4.8V
2.0
4.0
-
Output Leak Current when
OFF
(only BU48
□□G/F/FVE)
Ileak
VDD=VDS=7V
Ta=-40°C~85°C
-
0
0.1
µA
VDD=VDS=7V
Ta=85°C~125°C
-
0
1
* This product is not designed for protection against radioactive rays.
 Block Diagrams
BU48
□□G/F/FVE
BU49
□□G/F/FVE
Fig.1
Fig.2
SSOP5
SOP4
VSOF5
PIN No.
Symbol
Function
PIN No.
Symbol
Function
PIN No.
Symbol
Function
1
VOUT
Reset output
1
VOUT
Reset output
1
VOUT
Reset output
2
VDD
Power supply voltage
2
VDD
Power supply voltage
2
SUB
Substrate*
3
GND
GND
3
N.C.
Unconnected terminal
3
N.C.
Unconnected terminal
4
N.C.
Unconnected terminal
4
GND
GND
4
VDD
Power supply voltage
5
N.C.
Unconnected terminal
5
GND
GND
*Connect the substrate to VDD
Vref
VOUT
VDD
GND
Vref
VOUT
VDD
GND
TOP VIEW
TOP VIEW
TOP VIEW


Similar Part No. - BU4832

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4832 ROHM-BU4832 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4832 ROHM-BU4832 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
BU4832 ROHM-BU4832 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4832 ROHM-BU4832 Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4832 ROHM-BU4832 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Similar Description - BU4832

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com