Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2505FV Datasheet(PDF) 5 Page - Rohm

Part # BU2505FV
Description  High-precision 10bit 8ch 10ch Type D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2505FV Datasheet(HTML) 5 Page - Rohm

  BU2505FV Datasheet HTML 1Page - Rohm BU2505FV Datasheet HTML 2Page - Rohm BU2505FV Datasheet HTML 3Page - Rohm BU2505FV Datasheet HTML 4Page - Rohm BU2505FV Datasheet HTML 5Page - Rohm BU2505FV Datasheet HTML 6Page - Rohm BU2505FV Datasheet HTML 7Page - Rohm BU2505FV Datasheet HTML 8Page - Rohm BU2505FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BU2506FV,BU2505FV
Technical Note
5/8
www.rohm.com
2009.06 - Rev.A
© 2009 RzOHM Co., Ltd. All rights reserved.
Command Transmission
1) Reverse = open (or VCC short-circuit) setting
(Data: LSB first)
(1) Data format
(2) Data timing diagram
D3
D2
D1
D0
Address Selection
0
0
0
0
Inconsequential
0
0
0
1
AO1 selection
0
0
1
0
AO2 selection
0
0
1
1
AO3 selection
0
1
0
0
AO4 selection
0
1
0
1
AO5 selection
0
1
1
0
AO6 selection
0
1
1
1
AO7 selection
1
0
0
0
AO8 selection
1
0
0
1
AO9 selection
*1
1
0
1
0
AO10 selection
*1
1
0
1
1
Inconsequential
1
1
0
0
Inconsequential
1
1
0
1
Inconsequential
1
1
1
0
Inconsequential
1
1
1
1
Inconsequential
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D/A output (VrefH=VDD, VrefL=VSS)
0
0
0
0
0
0
0
0
0
0
VrefL
0
0
0
0
0
0
0
0
0
1
(VrefH-VrefL)/1024×1+VrefL
0
0
0
0
0
0
0
0
1
0
(VrefH-VrefL)/1024×2+VrefL
0
0
0
0
0
0
0
0
1
1
(VrefH-VrefL)/1024×3+VrefL
:
:
:
:
:
:
:
:
:
:
:
1
1
1
1
1
1
1
1
1
0
(VrefH-VrefL)/1024×1022+VrefL
1
1
1
1
1
1
1
1
1
1
(VrefH-VrefL)/1024×1023+VrefL
2) Reverse = L setting(Data: MSB first )
(1) Data format
(2) Data timing diagram
D3
D2
D1
D0
Address selection
0
0
0
0
Inconsequential
0
0
0
1
AO1 selection
0
0
1
0
AO2 selection
0
0
1
1
AO3 selection
0
1
0
0
AO4 selection
0
1
0
1
AO5 selection
0
1
1
0
AO6 selection
0
1
1
1
AO7 selection
1
0
0
0
AO8 selection
1
0
0
1
AO9 selection
*1
1
0
1
0
AO10 selection
*1
1
0
1
1
Inconsequential
1
1
0
0
Inconsequential
1
1
0
1
Inconsequential
1
1
1
0
Inconsequential
1
1
1
1
Inconsequential
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D/A output (VrefH=VDD, VrefL=VSS)
0
0
0
0
0
0
0
0
0
0
VrefL
1
0
0
0
0
0
0
0
0
0
(VrefH-VrefL)/1024×1+VrefL
0
1
0
0
0
0
0
0
0
0
(VrefH-VrefL)/1024×2+VrefL
1
1
0
0
0
0
0
0
0
0
(VrefH-VrefL)/1024×3+VrefL
:
:
:
:
:
:
:
:
:
:
:
0
1
1
1
1
1
1
1
1
1
(VrefH-VrefL)/1024×1022+VrefL
1
1
1
1
1
1
1
1
1
1
(VrefH-VrefL)/1024×1023+VrefL
*1 In the BU2506FV, this channel is for testing, therefore, do not designate.
Last
MSB
First
LSB
11 D10
9
8
7
6
5
4
3
2
1
0
D/Aコンバータ出力設定用
アドレス選択用
13 D12
D0
D1
D2
D3
D11
D12
D13
LSB
MSB
DI
CLK
LD
DA OUTPUT
Last
MSB
First
LSB
6
7
8
9
10 D11 D12 D13
3
2
1
0
D/Aコンバータ出力設定用
アドレス選択用
4
5
D0
D1
D2
D3
D11
D12
D13
LSB
MSB
DI
CLK
LD
DA OUTPUT
For D/A converter output setting
For address selection
For D/A converter output setting
For address selection


Similar Part No. - BU2505FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2505FV ROHM-BU2505FV Datasheet
49Kb / 4P
   10bit 10-channel D/A converter
BU2505FV ROHM-BU2505FV Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2505FV ROHM-BU2505FV Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
More results

Similar Description - BU2505FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com