Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2098FS-E2 Datasheet(PDF) 9 Page - Rohm

Part # BU2098FS-E2
Description  Serial / Parallel 2-input Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2098FS-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BU2098FS-E2 Datasheet HTML 5Page - Rohm BU2098FS-E2 Datasheet HTML 6Page - Rohm BU2098FS-E2 Datasheet HTML 7Page - Rohm BU2098FS-E2 Datasheet HTML 8Page - Rohm BU2098FS-E2 Datasheet HTML 9Page - Rohm BU2098FS-E2 Datasheet HTML 10Page - Rohm BU2098FS-E2 Datasheet HTML 11Page - Rohm BU2098FS-E2 Datasheet HTML 12Page - Rohm BU2098FS-E2 Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BU2098F, BU2090F, BU2090FS
Technical Note
9/12
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BU2090F/BU2090FS】
AC characteristics (unless otherwise noted, VDD=5V, VSS=0V, Ta=25℃)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
Minimum clock frequency
tw
500
-
-
ns
VDD=5V
1000
-
-
ns
VDD=3V
Data shift set up time
tSU
200
-
-
ns
VDD=5V
300
-
-
ns
VDD=3V
Data shift hold time
tH
200
-
-
ns
VDD=5V
400
-
-
ns
VDD=3V
Data latch set up time
tLSUH
50
-
-
ns
VDD=5V
100
-
-
ns
VDD=3V
Data latch hold time
tLHH
250
-
-
ns
VDD=5V
500
-
-
ns
VDD=3V
Data latch ”L”
set up time
tLSUL
200
-
-
ns
VDD=5V
400
-
-
ns
VDD=3V
Data latch ”L”
hold time
tLHL
250
-
-
ns
VDD=5V
500
-
-
ns
VDD=3V
Switching time test circuit
Fig.7
Switching time test waveforms
Fig.8
CLOCK
Pulse
Gen.
DATA
Pulse
Gen.
Q11
RL 10kΩ
±
25V
Q0
RL 10kΩ
±
25V
VDD
GND (Vss)
10%
10%
10%
10%
90%
90%
90%
tW
tW
90%
90%
10%
10%
90%
90%
tLSUH
tLHH
tLSUL
tLHL
tH
tSU
CLOCK
DATA
VDD
GND (Vss)
VDD
GND (Vss)


Similar Part No. - BU2098FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2098F ROHM-BU2098F Datasheet
212Kb / 6P
   8bit Serial IN / Parallel Out Driver
BU2098F ROHM-BU2098F Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2098F-E2 ROHM-BU2098F-E2 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
More results

Similar Description - BU2098FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BA823F ROHM-BA823F_09 Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com