Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH76109HFV Datasheet(PDF) 4 Page - Rohm

Part # BH76109HFV
Description  Compact, Low Current Consumption Single Output Video Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76109HFV Datasheet(HTML) 4 Page - Rohm

  BH76109HFV Datasheet HTML 1Page - Rohm BH76109HFV Datasheet HTML 2Page - Rohm BH76109HFV Datasheet HTML 3Page - Rohm BH76109HFV Datasheet HTML 4Page - Rohm BH76109HFV Datasheet HTML 5Page - Rohm BH76109HFV Datasheet HTML 6Page - Rohm BH76109HFV Datasheet HTML 7Page - Rohm BH76109HFV Datasheet HTML 8Page - Rohm BH76109HFV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Technical Note
4/8
BH76106HFV, BH76109HFV, BH76112HFV, BH76206HFV
www.rohm.com
2009.03 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
(9) Standby pin
When the standby pin is open, the LSI is in a standby state.
Since adding a voltage greater than Vcc at the standby pin turns a protective diode ON, make this at most Vcc+0.2 V
(no greater than Vcc+VF). (See Fig. 4) Applying a voltage to the standby pin when the voltage Vcc is not being
applied also turns the protective diode ON, so do not apply a voltage.
Responsiveness of Standby Control
STBY
STBY
VIN
VIN
(100% color bar signal)
(100% color bar signal)
VOUT
VOUT
Fig.5 Standby Response Characteristic
Fig.6 Standby Response Characteristic
In relation to IC startup, this is practically 0 μs.
In relation to IC shutdown, this is after approximately 2 μs.
Noise also does not occur when toggling the switch.
(10) Input coupling capacitor
Making the input coupling capacitor a value less than 0.1 μF (the recommended value) increases SAG. Determine
the capacitance of the input capacitor used after taking into consideration the relationship of SAG to input coupling
capacitor.
Fig.7
Moreover, if you make the input coupling capacitor a value greater than 0.1 μF (the recommended value), it may take
time for the output waveform to stabilize. Decide the value of the coupling capacitor used by referring to the results
shown in Fig. 10.
Approx. 0.7V
Vcc+VF
Diode ON
Vcc
Fig.4
0
10
20
30
40
50
60
0.00
0.01
0.10
1.00
INPUT COUPLING CAPACITOR (μF)
Relationship of SAG to Input Coupling Capacitor
↓△V
Δ
V : SAG
Vin
VOUT
0.1μF
Monitor
Vary the value of an
external capacitor and
check the bounds of the
output waveform
100μF
22μF
75Ω
VSAG
75Ω
Cin
1V
Vin
VOUT
Monitor
100μF
22μF
75Ω
VSAG
75Ω
Cin
STBY
Fig.8
Fig.9
(Startup characteristic, Vcc = 3.0 V)
(Shut down characteristic, Vcc = 3.0 V)


Similar Part No. - BH76109HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76109HFV ROHM-BH76109HFV Datasheet
140Kb / 6P
   3V operation Video driver (with LPF for mobile applications)
BH76109HFV ROHM-BH76109HFV Datasheet
528Kb / 12P
   Compact, Low Current Consumption Single Output Video Drivers
More results

Similar Description - BH76109HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76106HFV ROHM-BH76106HFV_15 Datasheet
528Kb / 12P
   Compact, Low Current Consumption Single Output Video Drivers
BH76906GU ROHM-BH76906GU_09 Datasheet
520Kb / 17P
   Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
BA7623F ROHM-BA7623F_1 Datasheet
154Kb / 5P
   Basic 3 Output Video Drivers
BA7612F ROHM-BA7612F Datasheet
151Kb / 5P
   Single Output Video Drivers with built-in input Selector
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
BA7613F ROHM-BA7613F Datasheet
134Kb / 5P
   Single Output Video Drivers with built-in Input Selector
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com