Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6859ADY Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SG6859ADY
Description  Low-Cost, Green-Mode PWM Controller for Flyback Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6859ADY Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SG6859ADY Datasheet HTML 4Page - Fairchild Semiconductor SG6859ADY Datasheet HTML 5Page - Fairchild Semiconductor SG6859ADY Datasheet HTML 6Page - Fairchild Semiconductor SG6859ADY Datasheet HTML 7Page - Fairchild Semiconductor SG6859ADY Datasheet HTML 8Page - Fairchild Semiconductor SG6859ADY Datasheet HTML 9Page - Fairchild Semiconductor SG6859ADY Datasheet HTML 10Page - Fairchild Semiconductor SG6859ADY Datasheet HTML 11Page - Fairchild Semiconductor SG6859ADY Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6859A • Rev. 1.0.3
8
Typical Performance Characteristics
2.2
2.4
2.6
2.8
3.0
3.2
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)
2.0
2.2
2.4
2.6
2.8
3.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)
Figure 12. Green-Mode Entry FB Voltage (VFB-N)
vs. Temperature
Figure 13. Green-Mode Ending FB Voltage (VFB-G)
vs. Temperature
250.0
270.0
290.0
310.0
330.0
350.0
-40
-25
-10
5
20355065
80
95
110
125
Temperature (℃)
1.0
1.5
2.0
2.5
3.0
3.5
12
13
14
15
16
17
18
19
20
21
22
23
24
VDD (V)
Figure 14. Leading-Edge Blanking Time (tLEB)
vs. Temperature
Figure 15. Operating Supply Current vs.
VDD Voltage


Similar Part No. - SG6859ADY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6859ADZ FAIRCHILD-SG6859ADZ Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
More results

Similar Description - SG6859ADY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6860 FAIRCHILD-SG6860 Datasheet
554Kb / 11P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com