Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6859A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SG6859A
Description  Low-Cost, Green-Mode PWM Controller for Flyback Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6859A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SG6859A_10 Datasheet HTML 1Page - Fairchild Semiconductor SG6859A_10 Datasheet HTML 2Page - Fairchild Semiconductor SG6859A_10 Datasheet HTML 3Page - Fairchild Semiconductor SG6859A_10 Datasheet HTML 4Page - Fairchild Semiconductor SG6859A_10 Datasheet HTML 5Page - Fairchild Semiconductor SG6859A_10 Datasheet HTML 6Page - Fairchild Semiconductor SG6859A_10 Datasheet HTML 7Page - Fairchild Semiconductor SG6859A_10 Datasheet HTML 8Page - Fairchild Semiconductor SG6859A_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 2010
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6859A • Rev. 1.0.3
SG6859A
Low-Cost, Green-Mode PWM Controller for Flyback Converters
Features
Green-Mode PWM
Supports the “Blue Angel” Standard
Low Startup Current: 9μA
Low Operating Current: 3mA
300mA Driving Capability
Leading-Edge Blanking
Constant Output Power Limit
Universal Input
Built-in Synchronized Slope Compensation
Current-Mode Operation
Cycle-by-cycle Current Limiting
Under-Voltage Lockout (UVLO)
Programmable PWM Frequency with Frequency
Hopping
VDD Over-Voltage Protection (Auto Restart)
Gate Output Voltage Clamped at 17V
Low Cost
Few External Components Required
Small SSOT-6 Package
Applications
General-purpose switching mode power supplies and
flyback power converters, such as:
Battery chargers for cellular phones, cordless
phones, PDAs, digital cameras, and power tools
Power adapters for ink jet printers, video game
consoles, and portable audio players
Open-frame SMPS for TV/DVD standby and auxiliary
supplies, home appliances, and consumer electronics
Replacements for linear transformers and RCC SMPS
PC 5V standby power
Description
This highly integrated PWM controller provides several
enhancements designed to meet the low standby-power
needs of low-power SMPS. To minimize standby power
consumption, the proprietary green-mode function
provides off-time modulation to linearly decrease the
switching frequency under light-load conditions. This
green-mode function enables the power supply to meet
even the strictest power conservation requirements.
The BiCMOS fabrication process enables reducing the
startup current to 9μA and the operating current to 3mA.
To further improve power conservation, a large startup
resistance can be used. Built-in synchronized slope
compensation ensures the stability of peak current
mode
control.
Proprietary
internal
compensation
provides a constant output power limit over a universal
AC input range (90VAC to 264VAC). Pulse-by-pulse current
limiting ensures safe operation during short-circuits.
To protect the external power MOSFET from damage by
supply over voltage, the SG6859A’s output driver is
clamped at 17V. SG6859A controllers can be used to
improve the performance and reduce the production
cost of power supplies. The best choice for replacing
linear and RCC-mode power adapters, the SG6859A is
available in 8-pin DIP and 6-pin SSOT-6 packages.


Similar Part No. - SG6859A_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6859ADZ FAIRCHILD-SG6859ADZ Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859ATZ FAIRCHILD-SG6859ATZ Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
More results

Similar Description - SG6859A_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6860 FAIRCHILD-SG6860 Datasheet
554Kb / 11P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com