Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH6578FVM Datasheet(PDF) 2 Page - Rohm

Part # BH6578FVM
Description  Reversible Motor Drivers for Output 0.5A 1 Motor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6578FVM Datasheet(HTML) 2 Page - Rohm

  BH6578FVM Datasheet HTML 1Page - Rohm BH6578FVM Datasheet HTML 2Page - Rohm BH6578FVM Datasheet HTML 3Page - Rohm BH6578FVM Datasheet HTML 4Page - Rohm BH6578FVM Datasheet HTML 5Page - Rohm BH6578FVM Datasheet HTML 6Page - Rohm BH6578FVM Datasheet HTML 7Page - Rohm BH6578FVM Datasheet HTML 8Page - Rohm BH6578FVM Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BH6578FVM,BD7931F
Technical Note
2/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Truth table
BH6578FVM,BD7931F
INPUT
OUTPUT
Function
INFWD
INREV
OUT+
OUT-
L
L
Hi Z
Hi Z
High Impedance
L
H
L
H
REV mode
H
L
H
L
FWD mode
H
H
L
L
Brake mode
Hiz:Hi-impedance
Electrical characteristics
BH6578FVM(Unless otherwise specified, Ta=25℃, Vcc=5V)
Parameter
Symbol
Limits.
Unit
Conditions
Min.
Typ.
Max.
Standby current
ICC1
-
0.4
0.8
mA
No load
(Loading Driver)
Output offset voltage
VOFSL
-15
0
+15
mV
Brake mode
Input threshold voltage H
VIH
2.0
Vcc
V
Input threshold voltage L
VIL
GND
0.5
V
ON resistance
RON
1.0
1.8
Io=500mA,Top+Bottom
Voltage gain (Loading)
GVLD
4.5
6.0
7.5
dB
*1
Voltage gain difference (Loading)
ΔGVLD
-2.0
0
2.0
dB
Input bias current
IINL
86
120
µA
FIN=5V,RIN=5V
LDCONT bias current
ILDC
300
nA
CONT=2V
*
No radiation-resistant design is adopted for the present product.
*1.
Let V01 denote output-to-output voltage when CONT=1V and V02 denote output-to-output voltage
when CONT=3.5V, voltage gain can be expressed by the following equation:GVLD=20log|(V02-V01)/2.5|
BD7931F(Unless otherwise specified, Ta=25℃, Vcc=8V)
Parameter
Symbol
Limits.
Unit
Conditions
Min.
Typ.
Max.
Standby current
ICC1
-
0
5
µA
Supply current 1
ICC2
-
1.1
2.2
mA
FIN=5V,RIN=0V
Supply current 2
ICC3
-
0.8
1.6
mA
FIN=RIN=5V
(Loading Driver)
Output offset voltage
VOFSL
-35
0
+35
mV
Brake mode
Input threshold voltage H
VIH
2.0
Vcc
V
Input threshold voltage L
VIL
GND
0.5
V
ON resistance
RON
1.0
1.8
Io=500mA,Top+Bottom
Voltage gain (Loading)
GVLD
4.0
6.0
8.0
dB
*2
Voltage gain difference (Loading)
ΔGVLD
-2.0
0
2.0
dB
Input bias current
IINL
165
250
µA
FIN=5V,RIN=5V
LDCONT bias current
ILDC
300
nA
CONT=5V
* No radiation-resistant design is adopted for the present product.
*1. Let V01 denote output-to-output voltage when CONT=1V and V02 denote output-to-output voltage when CONT=3.5V,
voltage gain can be expressed by the following equation:GVLD=20log|(V02-V01)/2.5|


Similar Part No. - BH6578FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6578FVM ROHM-BH6578FVM Datasheet
21Kb / 2P
   1- channel loading driver IC
BH6578FVM ROHM-BH6578FVM Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BH6578FVM-TR ROHM-BH6578FVM-TR Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM-TR ROHM-BH6578FVM-TR Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results

Similar Description - BH6578FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6950FS ROHM-BA6950FS_10 Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com