Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH6578FVM Datasheet(PDF) 6 Page - Rohm

Part # BH6578FVM
Description  Reversible Motor Drivers for Output 0.5A 1 Motor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6578FVM Datasheet(HTML) 6 Page - Rohm

  BH6578FVM_09 Datasheet HTML 1Page - Rohm BH6578FVM_09 Datasheet HTML 2Page - Rohm BH6578FVM_09 Datasheet HTML 3Page - Rohm BH6578FVM_09 Datasheet HTML 4Page - Rohm BH6578FVM_09 Datasheet HTML 5Page - Rohm BH6578FVM_09 Datasheet HTML 6Page - Rohm BH6578FVM_09 Datasheet HTML 7Page - Rohm BH6578FVM_09 Datasheet HTML 8Page - Rohm BH6578FVM_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BH6578FVM,BD7931F
Technical Note
6/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Cautions on use
(1) Absolute maximum ratings
In the event that applied voltage (VCC, VM), working temperature range (Topr), and other absolute maximum rating are
exceeded, the IC may be destroyed. Because it is unable to identify the short-circuit mode, open mode, etc., if any
special mode is assumed, which exceeds the absolute maximum rating, physical safety measures are requested to be
taken, such as fuses, etc.
(2) Reverse connection of power supply connector
Reverse connection of power supply connector may destroy the IC. Take necessary measures to protect the IC from
reverse connection breakage such as externally inserting diodes across power supply and IC power supply terminal as
well as across power supply and motor coil.
(3) Power supply line
Because return of current regenerated by reverse EMF of a motor occurs, take necessary measures such as inserting
capacitors across the power supply and GND as a path for regenerated current, and determine the capacity value after
thoroughly confirming that there would be no problems in various characteristics such as capacitance drop at low
temperature which may occur with electrolytic capacitors.
(4) Ground potential
Keep the GND terminal potential to the minimum potential under any operating condition. In addition, check if there is
actually any terminal which provides voltage below GND including transient phenomena.
(5) Thermal design
Consider permissible dissipation (Pd) under actual working condition and carry out thermal design with sufficient margin
provided.
(6) Terminal-to-terminal short-circuit and erroneous mounting
When the present IC is mounted to a printed circuit board, take utmost care to direction of IC and displacement. In the
event that the IC is mounted erroneously, IC may be destroyed. In the event of short-circuit caused by foreign matter
that enters in a clearance between outputs or output and power-GND, the IC may be destroyed.
(7) Operation in strong electromagnetic field
The use of the present IC in the strong electromagnetic field may result in maloperation, to which care must be taken.
(8) ASO
When IC is used, design in such a manner that the output transistor to a motor does not exceed absolute maximum
ratings and ASO.
(9) Thermal shutdown circuit (TSD) (common)
When junction temperature (Tj) becomes thermal shutdown ON temperature 175°C, the thermal shutdown circuit (TSD
circuit) is activated and driver output current is shorted. There is 25°C temperature hysteresis. The thermal shutdown
protection circuit is first and foremost intended for interrupt IC from thermal runaway, and is not intended to protect and
warrant the IC. Consequently, never attempt to continuously use the IC after this circuit is activated or to use the circuit
with the activation of the circuit premised.
(10) Capacitor across output and GND
In the event a large capacitor is connected across output and GND, when Vcc and VIN are short-circuited with 0V or
GND for some kind of reasons, current charged in the capacitor flows into the output and may destroy the IC. Use a
capacitor smaller than 0.1 µF between output and GND.
(11) Inspection by set substrate
In the event a capacitor is connected to a pin with low impedance at the time of inspection with a set substrate, there is a
fear of applying stress to the IC. Therefore, be sure to discharge electricity for every process. Furthermore, when the
set substrate is connected to a jig in the inspection process, be sure to turn OFF power supply to connect the jig and be
sure to turn OFF power supply to remove the jig. As electrostatic measures, provide grounding in the assembly
process, and take utmost care in transportation and storage.


Similar Part No. - BH6578FVM_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6578FVM-TR ROHM-BH6578FVM-TR Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM-TR ROHM-BH6578FVM-TR Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results

Similar Description - BH6578FVM_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6950FS ROHM-BA6950FS_10 Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com