Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH2227FV Datasheet(PDF) 7 Page - Rohm

Part # BH2227FV
Description  Standard 8bit 4ch-E6ch Type D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH2227FV Datasheet(HTML) 7 Page - Rohm

  BH2227FV Datasheet HTML 1Page - Rohm BH2227FV Datasheet HTML 2Page - Rohm BH2227FV Datasheet HTML 3Page - Rohm BH2227FV Datasheet HTML 4Page - Rohm BH2227FV Datasheet HTML 5Page - Rohm BH2227FV Datasheet HTML 6Page - Rohm BH2227FV Datasheet HTML 7Page - Rohm BH2227FV Datasheet HTML 8Page - Rohm BH2227FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BH2227FV, BH2228FV
Technical Note
7/8
www.rohm.com
2009.06 - Rev.A
© 2009 RzOHM Co., Ltd. All rights reserved.
Operation Notes
(1) Absolute maximum ratings
Operating or testing the device over the maximum specifications may damage the part itself as well as peripheral
components. Therefore, please ensure that the specifications are not exceeded.
(2) GND potential
Ensure that the GND terminal is at the lowest potential under all operating conditions.
(3) Thermal design
Use a thermal design that allows for a sufficient margin regarding power dissipation (Pd) under actual operating
conditions.
(4) Terminal shorts and mis-mounting
Incorrect orientation or misalignment of the IC when mounting to the PCB may damage part. Short-circuits caused by The
introduction of foreign matter between the output terminals or across the output and power supply or GND may also
result in destruction.
(5) Operation in a strong magnetic field
Operation in a strong electromagnetic field may cause malfunction.
(6) Set the power source voltage so that VDD ≧ VFS.
(7) Reset function
The power on reset circuit, which initializes internal settings, may malfunction during abrupt power ons.
Therefore, set the time constant so as to satisfy the power source rise time.
Thermal Derating Curve
SSOP-B14
Board size : 70 x 70 x 1.6mm Material : FR4 glass epoxy board (copper foil area less than 3%)
Fig.18
0
100
200
300
400
500
0
25
50
75
100
125
Ta [℃]


Similar Part No. - BH2227FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2227FV ROHM-BH2227FV Datasheet
260Kb / 5P
   8bit 4ch D/A converter
BH2227FV ROHM-BH2227FV Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
BH2227FV ROHM-BH2227FV Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
BH2227FV-E2 ROHM-BH2227FV-E2 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
BH2227FV-E2 ROHM-BH2227FV-E2 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
More results

Similar Description - BH2227FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BH2219FVM ROHM-BH2219FVM_09 Datasheet
252Kb / 8P
   Standard 8bit 2ch-E3ch Type D/A Converters
BH2219FVM ROHM-BH2219FVM_15 Datasheet
1Mb / 17P
   D/A Converters Standard 8bit 2ch ??3ch Type
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2227FV ROHM-BH2227FV Datasheet
260Kb / 5P
   8bit 4ch D/A converter
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com