Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH2223FV Datasheet(PDF) 1 Page - Rohm

Part # BH2223FV
Description  Standard 8bit 10ch-E12ch Type D/A Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH2223FV Datasheet(HTML) 1 Page - Rohm

  BH2223FV_09 Datasheet HTML 1Page - Rohm BH2223FV_09 Datasheet HTML 2Page - Rohm BH2223FV_09 Datasheet HTML 3Page - Rohm BH2223FV_09 Datasheet HTML 4Page - Rohm BH2223FV_09 Datasheet HTML 5Page - Rohm BH2223FV_09 Datasheet HTML 6Page - Rohm BH2223FV_09 Datasheet HTML 7Page - Rohm BH2223FV_09 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/7
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
D/A Converter Series for Electronic Adjustments
Standard 8bit 10ch・
12ch Type
D/A Converters
BH2223FV, BH2221FV
Description
BH2223FV and BH2221FV are high performance 8bit R-2R-type D/A converters with 10 and 12 channels outputs, respectively.
A built-in RESET function ensures that the output voltage at all channels is Low during power up. And a broad power supply
voltage range (2.7V - 5.5V) provides design flexibility.
Features
1) Built-in RESET function
2) High speed output response characteristics
3) 3-line serial interface
4) Broad power supply voltage range: 2.7V- 5.5V
Applications
DVCs, DSCs, DVDs, CD-Rs, CD-RWs
Lineup
Parameter
BH2223FV
BH2221FV
Power source voltage range
2.7 to 5.5V
2.7 to 5.5V
Number of channels
10ch
12ch
Current consumption
1.6mA
1.8mA
Differential non linearity error
±
1.0LSB
±
1.0LSB
Integral non linearity error
±
1.5LSB
±
1.5LSB
Output current performance
±
1.0mA
±
1.0mA
Settling time
100µs
100µs
Data transfer frequency
10MHz
10MHz
Input method
CMOS
CMOS
Data latch method
LD method
LD method
Package
SSOP-B16
SSOP-B20
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Remarks
Power source voltage
VCC
-0.3 to 7.0
V
Terminal voltage
VIN
-0.3 to VCC
V
Storage temperature range
TSTG
-55 to 125
Power dissipation
PD
650*1
mW
BH2221FV
450*2
mW
BH2223FV
*1 Derated at 6.5mW/℃ at Ta>25℃
*2 Derated at 4.5mW/℃ at Ta>25℃
*3 These products are not robust against radiation
Recommended Operating Conditions (Ta=25℃)
Parameter
Symbol
Limits
Unit
Remarks
MIN.
TYP.
MAX.
VCC power source voltage
VCC
2.7
-
5.5
V
-
VDD power source voltage
VDD
2.7
-
VCC
V
-
Terminal input voltage range
VIN
0
-
VCC
V
-
Analog output current
IO
-1.0
0
1.0
mA
-
Action temperature range
TOPR
-20
-
85
-
Serial clock frequency
FSCLK
-
1.0
10.0
MHz
-
Limit load capacity
CL
-
-
0.1
µF
-
No.09052EAT06


Similar Part No. - BH2223FV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2223FV-E2 ROHM-BH2223FV-E2 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV-E2 ROHM-BH2223FV-E2 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
More results

Similar Description - BH2223FV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV Datasheet
88Kb / 6P
   8bit 10ch D/A converter
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
BH2219FVM ROHM-BH2219FVM_09 Datasheet
252Kb / 8P
   Standard 8bit 2ch-E3ch Type D/A Converters
BH2219FVM ROHM-BH2219FVM_15 Datasheet
1Mb / 17P
   D/A Converters Standard 8bit 2ch ??3ch Type
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com