Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9532EKN Datasheet(PDF) 1 Page - Rohm

Part # BD9532EKN
Description  Switching Regulators for DDR-SDRAM Cores
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9532EKN Datasheet(HTML) 1 Page - Rohm

  BD9532EKN_08 Datasheet HTML 1Page - Rohm BD9532EKN_08 Datasheet HTML 2Page - Rohm BD9532EKN_08 Datasheet HTML 3Page - Rohm BD9532EKN_08 Datasheet HTML 4Page - Rohm BD9532EKN_08 Datasheet HTML 5Page - Rohm BD9532EKN_08 Datasheet HTML 6Page - Rohm BD9532EKN_08 Datasheet HTML 7Page - Rohm BD9532EKN_08 Datasheet HTML 8Page - Rohm BD9532EKN_08 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TECHNICAL NOTE
High-performance Regulator IC Series for PCs
Switching Regulators
for DDR-SDRAM Cores
BD9532EKN
●Description
BD9532EKN is a switching regulator controller with high output current which can achieve low output voltage (0.7V to 2.0V)
from a wide input voltage range (4.5V to 25V). High efficiency for the switching regulator can be realized by utilizing an
external N-MOSFET power transistor. A new technology called H
3RegTM is a Rohm proprietary control method to realize ultra
high transient response against load change. SLLM
TM (Simple Light Load Mode) technology is also integrated to improve
efficiency in light load mode, providing high efficiency over a wide load range. For protection and ease of use, the soft start
function, variable frequency function, short circuit protection function with timer latch, and REF synchronous function are all
built in. This switching regulator is specially designed for the DDR-SDRAM core.
●Features
1) H
3RegTM Switching Regulator Controller
2) Light Load Mode and Continuous Mode Changeable
3) Thermal Shut Down (TSD), Under Voltage LockOut (UVLO), Over Current Protection (OCP),
Short Circuit Protection(SCP) built-in
4) Soft start function to minimize rush current during startup
5) Switching Frequency Variable (f=200KHz~600KHz)
6) HQFN20V Package
●Applications
Laptop PC, Desktop PC, LCD-TV, Digital Components
Sep. 2008


Similar Part No. - BD9532EKN_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9532EKN ROHM-BD9532EKN Datasheet
328Kb / 6P
   Step down DC/DC converter Controller for NOTE PC
More results

Similar Description - BD9532EKN_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD9533EKN ROHM-BD9533EKN_08 Datasheet
726Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV_10 Datasheet
518Kb / 18P
   Switching Regulator with MOS FET for DDR-SDRAM Cores
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com