Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B125C3700 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # B125C3700
Description  3.7A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

B125C3700 Datasheet(HTML) 3 Page - Won-Top Electronics

  B125C3700 Datasheet HTML 1Page - Won-Top Electronics B125C3700 Datasheet HTML 2Page - Won-Top Electronics B125C3700 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B40C3700/2200 – B380C3700/2200
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
B40C3700/2200
SIL Bridge
200 Units/Box
B80C3700/2200
SIL Bridge
200 Units/Box
B125C3700/2200
SIL Bridge
200 Units/Box
B250C3700/2200
SIL Bridge
200 Units/Box
B380C3700/2200
SIL Bridge
200 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - B125C3700

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B125C3700 WTE-B125C3700 Datasheet
47Kb / 4P
   3.7A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
B125C3700-2200 DIOTEC-B125C3700-2200 Datasheet
130Kb / 2P
   Silicon-Bridge Rectifiers
logo
Semikron International
B125C3700-2200 SEMIKRON-B125C3700-2200 Datasheet
168Kb / 2P
   Silicon-Bridge Rectifiers
B125C3700-2200 SEMIKRON-B125C3700-2200 Datasheet
172Kb / 2P
   Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
B125C3700-2200A DIOTEC-B125C3700-2200A Datasheet
108Kb / 2P
   Silicon-Bridge-Rectifiers
More results

Similar Description - B125C3700

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C3700 WTE-B40C3700_06 Datasheet
47Kb / 4P
   3.7A SINGLE-PHASE BRIDGE RECTIFIER
logo
Shenzhen Huazhimei Semi...
HM119 HMSEMI-HM119 Datasheet
497Kb / 6P
   2.0-7.0V 2.7A/3.7A Single Channel H-Bridge Driver
logo
Fairchild Semiconductor
FDD5N50NZF FAIRCHILD-FDD5N50NZF Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com