Electronic Components Datasheet Search |
|
BD9150MUV Datasheet(PDF) 11 Page - Rohm |
|
BD9150MUV Datasheet(HTML) 11 Page - Rohm |
11 / 19 page Technical Note 11/18 BD9150MUV www.rohm.com 2009.05 - Rev.A ○ c 2009 ROHM Co., Ltd. All rights reserved. ● Selection of components externally connected 1. Selection of inductor (L) ※ Current exceeding the current rating of the inductor results in magnetic saturation of the inductor, which decreases efficiency. The inductor must be selected allowing sufficient margin with which the peak current may not exceed its current rating. If VCC=5.0V, VOUT=1.2V, f=1.5MHz, ΔIL=0.2×1.5A=0.3A, for example,(BD9150MUV) ※ Select the inductor of low resistance component (such as DCR and ACR) to minimize dissipation in the inductor for better efficiency. 2. Selection of output capacitor (CO) The inductance significantly depends on output ripple current. As seen in the equation (1), the ripple current decreases as the inductor and/or switching frequency increases. Δ IL= (VCC-VOUT)×VOUT L×VCC×f [A]・・・(1) Appropriate ripple current at output should be 20% more or less of the maximum output current. Δ IL=0.2×IOUTmax. [A]・・・(2) L= (VCC-VOUT)×VOUT Δ IL×VCC×f [H]・・・(3) (ΔIL: Output ripple current, and f: Switching frequency) Output capacitor should be selected with the consideration on the stability region and the equivalent series resistance required to smooth ripple voltage. Output ripple voltage is determined by the equation (4): Δ VOUT=ΔIL×ESR [V]・・・(4) (ΔIL: Output ripple current, ESR: Equivalent series resistance of output capacitor) ※ Rating of the capacitor should be determined allowing sufficient margin against output voltage. A 22μF to 100μF ceramic capacitor is recommended. Less ESR allows reduction in output ripple voltage. Fig.34 Output capacitor (5-1.2)×1.2 0.3×5×1.5M L= =2.02μ → 2.2[μH] Δ IL VOUT Fig.33 Output ripple current IL VCC IL L Co VCC L Co VOUT ESR |
Similar Part No. - BD9150MUV |
|
Similar Description - BD9150MUV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |