Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9110NV Datasheet(PDF) 11 Page - Rohm

Part # BD9110NV
Description  High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9110NV Datasheet(HTML) 11 Page - Rohm

Back Button BD9110NV Datasheet HTML 7Page - Rohm BD9110NV Datasheet HTML 8Page - Rohm BD9110NV Datasheet HTML 9Page - Rohm BD9110NV Datasheet HTML 10Page - Rohm BD9110NV Datasheet HTML 11Page - Rohm BD9110NV Datasheet HTML 12Page - Rohm BD9110NV Datasheet HTML 13Page - Rohm BD9110NV Datasheet HTML 14Page - Rohm BD9110NV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
BD9106FVM,BD9107FVM,BD9109FVM,BD9110NV,BD9120HFN
Technical Note
11/28
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Fig.55 Vcc-Fosc
Fig.56 Soft start waveform
Fig.57 SW waveform Io=10mA
Fig.58 SW waveform Io=500mA
Fig. 59 Transient response
Io=100→600mA(10μs)
Fig.60 Transient response
Io=600→100mA(10μs)
VOUT
IOUT
VCC=5V
Ta=25℃
VOUT=1.4V】
VOUT
IOUT
VCC=5V
Ta=25℃
VOUT=1.4V】
SW
VOUT
VCC=5V
Ta=25℃
PWM control
VOUT=1.4V】
0.8
0.9
1
1.1
1.2
4.555.5
INPUT VOLTAGE:VCC[V]
Ta=25℃
VOUT
VCC=PVCC
=EN
VCC=5V
Ta=25℃
Io=0A
SW
VOUT
VCC=5V
Ta=25℃
SLLM control
VOUT=1.4V】
VOUT=1.4V】


Similar Part No. - BD9110NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9110NV ROHM-BD9110NV Datasheet
312Kb / 5P
   1ch DC/DC Converter IC built in Synchronous rectifier
BD9110NV ROHM-BD9110NV Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9110NV-E2 ROHM-BD9110NV-E2 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9110NV-TR ROHM-BD9110NV-TR Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9110NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90002GWZ ROHM-BU90002GWZ_11 Datasheet
1Mb / 14P
   Output 1.0A High-efficiency Step-down Switching regulators with Built-in Power MOSFET
BD9302FP ROHM-BD9302FP_08 Datasheet
784Kb / 17P
   2-output High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90104GWZ ROHM-BU90104GWZ Datasheet
672Kb / 17P
   1.0A, Step-down Switching regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com