Electronic Components Datasheet Search |
|
BD8139AEFV Datasheet(PDF) 10 Page - Rohm |
|
BD8139AEFV Datasheet(HTML) 10 Page - Rohm |
10 / 21 page BD8132FV, BD8139AEFV Technical Note 10/20 www.rohm.com 2009.07 - Rev.B © 2009 ROHM Co., Ltd. All rights reserved. ● Auto-read function The auto-read function enables the IC's 1 kbit microwire type external memory to be automatically read. This block operates in synchronization with the external input CLK's falling edge to output the external memory chip select signal CS as well as the memory read data signal MEMDO. The read data signal consists of a start bit for the external memory, a read code, and a read address. When this signal is sent to the external memory, the memory outputs the data corresponding to the indicated address. Data output from the memory is read from the MEMDI pin, and this block automatically generates the serial DATA and LATCH signals and writes the memory data to the register. Memory reads are synchronized to the CLK's falling edge. Read addresses start from address 00H and repeat until address 12H, so data must be stored from address 00H to address 12H. The auto-read function is controlled using the R/W signal. Read access to the external memory is performed continuously while the R/W signal is low. To access the external memory from another device, the R/W signal must be set to high. When the R/W signal is set to high, the CS and MEMDO pins enter a high-impedance state. Fig. 23 Auto-read Timing Chart Fig. 24 External Memory Data Table ● Serial communications timing chart ● Auto-read timing chart Fig.25 Fig.26 SDIN LATCH CLK tLC tSC tWL tWH tCL tLA R/W C tRC tRW MEMDO CS MEMDI tCDO tCCS tDIC tCR High-impedance High-impedance Auto-read timing R/W CS CLK MEMDO Address 00H Start bit and read code Address 01H MEMDI Memory data D15 to D0 INTERNAL DATA D15 to D0 INTERNAL LATCH External m emory data format MSB LSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 d1 d2 d3 d4 d5 d6 d7 d8 d9 d10 d11 d12 d13 d14 d15 d16 OSC mode Register address DAC data |
Similar Part No. - BD8139AEFV |
|
Similar Description - BD8139AEFV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |