Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6941FM Datasheet(PDF) 1 Page - Rohm

Part # BD6941FM
Description  Power Management IC Series for Automotive Body Control Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6941FM Datasheet(HTML) 1 Page - Rohm

  BD6941FM_09 Datasheet HTML 1Page - Rohm BD6941FM_09 Datasheet HTML 2Page - Rohm BD6941FM_09 Datasheet HTML 3Page - Rohm BD6941FM_09 Datasheet HTML 4Page - Rohm BD6941FM_09 Datasheet HTML 5Page - Rohm BD6941FM_09 Datasheet HTML 6Page - Rohm BD6941FM_09 Datasheet HTML 7Page - Rohm BD6941FM_09 Datasheet HTML 8Page - Rohm BD6941FM_09 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
1/8
Power Management IC Series for Automotive Body Control
Motor Driver
BD6941FM
Description
BD6941FM is the reversible motor driver for output 1.25A (1Motor), and can control a DC motor in four modes (Forward,
Reverse, Standby, Brake) corresponding to two control logic inputs.
Features
1) 1ch DMOS H bridge output
2) Four output states ( Forward,Reverse,Standby,Brake ) by two control logic
3) Built-in surge-absorbing diodes
4) Low standby current
5) Output overcurrent protection with timer.
6) Over voltage detection switch off
7) TSD detects junction temperature and circuitry switches off the outputs at high temperature.
8) Built-in protection monitor pin (PO)
Applications
Onboard devices(Vehicle equipment etc)
Absolute Maximum Ratings(Ta=25℃)
PARAMETER
SYMBOL
LIMIT
UNIT
SUPPLY VOLTAGE
Vcc
50
V
INPUT VOLTAGE
VINP, VINN
-0.3~20
V
OUTPUT CURRENT
IO
1.25
(*1)
A
POWER DISSIPATION
Pd
2.8
(*2)
W
OPERATING TEMPERATURE
Topr
-40~105
STORAGE TEMPERATURE
Tstg
-55~150
JUNCTION TEMPERATURE
Tjmax
150
*1 Not to exceed Pd and ASO.
*2 Mounted on a glass epoxy PCB (70mm×70mm×1.6mm).
To use at temperature above Ta=25℃ reduce 22.4mW/℃.
Operating Range
PARAMETER
SYMBOL
LIMIT
UNIT
SUPPLY VOLTAGE
Vcc
8.0~16.0
V
No.09039EAT02


Similar Part No. - BD6941FM_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6941FM-E2 ROHM-BD6941FM-E2 Datasheet
1Mb / 17P
   Automotive 1ch H Bridge Driver
BD6941FM ROHM-BD6941FM_11 Datasheet
110Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
   Automotive 1ch H Bridge Driver
More results

Similar Description - BD6941FM_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD3940FP-E2 ROHM-BD3940FP-E2 Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD3941HFP-TR ROHM-BD3941HFP-TR Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
logo
Guangdong Youtai Semico...
L9110S UMW-L9110S Datasheet
521Kb / 5P
   Motor control driver IC
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Toshiba Semiconductor
TB6508F TOSHIBA-TB6508F Datasheet
649Kb / 18P
   CYLINDER MOTOR CONTROL DRIVER IC FOR VTR MOVIE
logo
Texas Instruments
DRV8802-Q1 TI1-DRV8802-Q1 Datasheet
1,020Kb / 26P
[Old version datasheet]   Automotive DC Motor-Driver IC
logo
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com