Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM8071R2 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FODM8071R2
Description  3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM8071R2 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FODM8071R2 Datasheet HTML 1Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 2Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 3Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 4Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 5Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 6Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 7Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 8Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM8071 Rev. 1.0.6
2
Pin Definitions
Safety and Insulation Ratings for Mini-Flat Package (SO5 Pin)
As per IEC60747-5-2 (Pending Certification). This optocoupler is suitable for “safe electrical insulation” only within the
safety limit data. Compliance with the safety ratings shall be ensured by means of protective circuits.
Number
Name
Function Description
1
ANODE
Anode
3CATHODE
Cathode
4
GND
Output Ground
5VO
Output Voltage
6VDD
Output Supply Voltage
Symbol
Parameter
Min.
Typ.
Max.
Unit
Installation Classifications per DIN VDE 0110/1.89 Table 1
For rated main voltage < 150Vrms
I-IV
For rated main voltage < 300Vrms
I-III
Climatic Classification
40/110/21
Pollution Degree (DIN VDE 0110/1.89)
2
CTI
Comparative Tracking Index
175
VPR
Input to Output Test Voltage, Method b,
VIORM x 1.875 = VPR, 100% Production Test with
tm = 1 sec, Partial Discharge < 5 pC
1060
V
VPR
Input to Output Test Voltage, Method a,
VIORM x 1.5 = VPR, Type and Sample Test with
tm = 60 sec, Partial Discharge < 5 pC
848
V
VIORM
Max Working Insulation Voltage
565
Vpeak
VIOTM
Highest Allowable Over Voltage
4000
Vpeak
External Creepage
5.0
mm
External Clearance
5.0
mm
Insulation Thickness
0.5
mm
TCase
Safety Limit Values, Maximum Values allowed in the event
of a failure, Case Temperature
150
°C
RIO
Insulation Resistance at TSTG,VIO = 500V
109


Similar Part No. - FODM8071R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8071R2 FAIRCHILD-FODM8071R2 Datasheet
369Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
logo
ON Semiconductor
FODM8071R2 ONSEMI-FODM8071R2 Datasheet
258Kb / 11P
   3.3 V/5 V Logic Gate Output Optocoupler with High Noise Immunity
January, 2023 - Rev. 2
More results

Similar Description - FODM8071R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8061 FAIRCHILD-FODM8061_10 Datasheet
387Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
FODM8061 ONSEMI-FODM8061_V01 Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8071 ONSEMI-FODM8071 Datasheet
258Kb / 11P
   3.3 V/5 V Logic Gate Output Optocoupler with High Noise Immunity
January, 2023 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com