Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM611 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FODM611
Description  High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM611 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FODM611 Datasheet HTML 1Page - Fairchild Semiconductor FODM611 Datasheet HTML 2Page - Fairchild Semiconductor FODM611 Datasheet HTML 3Page - Fairchild Semiconductor FODM611 Datasheet HTML 4Page - Fairchild Semiconductor FODM611 Datasheet HTML 5Page - Fairchild Semiconductor FODM611 Datasheet HTML 6Page - Fairchild Semiconductor FODM611 Datasheet HTML 7Page - Fairchild Semiconductor FODM611 Datasheet HTML 8Page - Fairchild Semiconductor FODM611 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM611 Rev. 1.0.1
2
Pin Definitions
Safety and Insulation Ratings for Mini-Flat Package (SO5 Pin)
As per IEC60747-5-2 (Pending Certification). This optocoupler is suitable for “safe electrical insulation” only within the
safety limit data. Compliance with the safety ratings shall be ensured by means of protective circuits.
Number
Name
Function Description
1
ANODE
Anode
3CATHODE
Cathode
4
GND
Output Ground
5VO
Output Voltage
6VCC
Output Supply Voltage
Symbol
Parameter
Min.
Typ.
Max.
Unit
Installation Classifications per DIN VDE 0110/1.89 Table 1
For rated main voltage < 150Vrms
I-IV
For rated main voltage < 300Vrms
I-III
Climatic Classification
40/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
CTI
Comparative Tracking Index
175
VPR
Input to Output Test Voltage, Method b,
VIORM x 1.875 = VPR, 100% Production Test with
tm = 1 sec, Partial Discharge < 5 pC
1060
VPR
Input to Output Test Voltage, Method a,
VIORM x 1.5 = VPR, Type and Sample Test with
tm = 60 sec, Partial Discharge < 5 pC
848
VIORM
Max Working Insulation Voltage
565
Vpeak
VIOTM
Highest Allowable Over Voltage
4000
Vpeak
External Creepage
5.0
mm
External Clearance
5.0
mm
Insulation thickness
0.5
mm
TCase
Safety Limit Values, Maximum Values allowed in the event
of a failure, Case Temperature
150
°C
RIO
Insulation Resistance at TS, VIO = 500V
109


Similar Part No. - FODM611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
More results

Similar Description - FODM611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8061 FAIRCHILD-FODM8061_10 Datasheet
387Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
FODM8061 ONSEMI-FODM8061_V01 Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com