Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ8.0 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # 3.0SMCJ8.0
Description  3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3.0SMCJ8.0 Datasheet(HTML) 3 Page - Won-Top Electronics

  3.0SMCJ8.0 Datasheet HTML 1Page - Won-Top Electronics 3.0SMCJ8.0 Datasheet HTML 2Page - Won-Top Electronics 3.0SMCJ8.0 Datasheet HTML 3Page - Won-Top Electronics 3.0SMCJ8.0 Datasheet HTML 4Page - Won-Top Electronics 3.0SMCJ8.0 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3.0SMCJ SERIES
3 of 5
© 2002 Won-Top Electronics
UNI-DIRECTIONAL 3000 WATT SURFACE MOUNT TVS
UNI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
3.0SMCJ5.0
3.0SMCJ5.0A
3.0SMCJ6.0
3.0SMCJ6.0A
HDD
HDE
HDF
HDG
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10
10
10
10
9.6
9.2
11.4
10.3
312.5
326.0
263.2
291.3
1000
1000
1000
1000
3.0SMCJ6.5
3.0SMCJ6.5A
3.0SMCJ7.0
3.0SMCJ7.0A
HDH
HDK
HDL
HDM
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10
10
10
10
12.3
11.2
13.3
12.0
243.9
267.9
225.6
250.0
500
500
200
200
3.0SMCJ7.5
3.0SMCJ7.5A
3.0SMCJ8.0
3.0SMCJ8.0A
HDN
HDP
HDQ
HDR
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.67
9.58
11.30
10.23
1
1
1
1
14.3
12.9
15.0
13.6
209.8
232.6
220.0
220.6
100
100
50
50
3.0SMCJ8.5
3.0SMCJ8.5A
3.0SMCJ9.0
3.0SMCJ9.0A
HDS
HDT
HDU
HDV
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.92
10.82
12.60
11.50
1
1
1
1
15.9
14.4
16.9
15.4
188.8
208.4
177.4
194.8
25
25
10
10
3.0SMCJ10
3.0SMCJ10A
3.0SMCJ11
3.0SMCJ11A
HDW
HDX
HDY
HDZ
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
14.10
12.80
15.40
14.00
1
1
1
1
18.8
17.0
20.1
18.2
159.6
176.4
149.2
184.8
5
5
5
5
3.0SMCJ12
3.0SMCJ12A
3.0SMCJ13
3.0SMCJ13A
HED
HEE
HEF
HEG
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.90
15.30
18.20
16.50
1
1
1
1
22.0
19.9
23.8
21.5
136.4
150.6
126.0
139.4
5
5
5
5
3.0SMCJ14
3.0SMCJ14A
3.0SMCJ15
3.0SMCJ15A
HEH
HEK
HEL
HEM
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.80
17.90
21.10
19.20
1
1
1
1
25.8
23.2
26.9
24.4
116.2
129.4
111.6
123.0
5
5
5
5
3.0SMCJ16
3.0SMCJ16A
3.0SMCJ17
3.0SMCJ17A
HEN
HEP
HEQ
HER
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
22.60
20.50
23.90
21.70
1
1
1
1
28.8
26.0
30.5
27.6
104.2
115.4
98.4
106.6
5
5
5
5
3.0SMCJ18
3.0SMCJ18A
3.0SMCJ20
3.0SMCJ20A
HES
HET
HEU
HEV
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
25.30
23.30
28.10
25.50
1
1
1
1
32.2
29.2
35.8
32.4
93.2
102.8
83.8
92.6
5
5
5
5
3.0SMCJ22
3.0SMCJ22A
3.0SMCJ24
3.0SMCJ24A
HEW
HEX
HEY
HEZ
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
30.90
28.00
33.80
30.70
1
1
1
1
39.4
35.5
43.0
38.9
76.2
84.4
69.8
77.2
5
5
5
5
3.0SMCJ26
3.0SMCJ26A
3.0SMCJ28
3.0SMCJ28A
HFD
HFE
HFF
HFG
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
36.60
33.20
39.40
35.80
1
1
1
1
46.6
42.1
50.0
45.4
64.4
71.2
60.0
66.0
5
5
5
5
3.0SMCJ30
3.0SMCJ30A
3.0SMCJ33
3.0SMCJ33A
HFH
HFK
HFL
HFM
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
42.20
38.30
46.50
42.20
1
1
1
1
53.5
48.4
59.0
53.3
56.0
62.0
50.4
56.2
5
5
5
5
3.0SMCJ36
3.0SMCJ36A
3.0SMCJ40
3.0SMCJ40A
HFN
HFP
HFQ
HFR
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
50.70
46.00
56.30
51.10
1
1
1
1
64.3
58.1
71.4
64.5
46.6
51.6
42.0
46.4
5
5
5
5
3.0SMCJ43
3.0SMCJ43A
3.0SMCJ45
3.0SMCJ45A
HFS
HFT
HFU
HFV
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
60.50
54.90
63.30
57.50
1
1
1
1
76.6
69.4
80.3
72.7
39.2
43.2
37.4
41.2
5
5
5
5
3.0SMCJ48
3.0SMCJ48A
3.0SMCJ51
3.0SMCJ51A
HFW
HFX
HFY
HFZ
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
67.50
61.30
71.80
65.20
1
1
1
1
85.5
77.4
91.1
82.4
35.0
38.8
37.0
36.4
5
5
5
5
3.0SMCJ54
3.0SMCJ54A
3.0SMCJ58
3.0SMCJ58A
HGD
HGE
HGF
HGG
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
76.00
69.00
81.60
74.10
1
1
1
1
96.3
87.1
103.0
93.6
31.2
34.4
29.2
32.0
5
5
5
5
3.0SMCJ60
3.0SMCJ60A
3.0SMCJ64
3.0SMCJ64A
HGH
HGK
HGL
HGM
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
84.50
76.70
90.10
81.80
1
1
1
1
107.0
96.8
114.0
103.0
28.0
31.0
26.4
29.2
5
5
5
5
3.0SMCJ70
3.0SMCJ70A
3.0SMCJ75
3.0SMCJ75A
HGN
HGP
HGQ
HGR
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
98.60
89.50
105.70
95.80
1
1
1
1
125.0
113.0
134.0
121.0
24.0
26.6
22.4
24.8
5
5
5
5
3.0SMCJ78
3.0SMCJ78A
3.0SMCJ85
3.0SMCJ85A
HGS
HGT
HGU
HGV
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
109.80
99.70
119.20
108.20
1
1
1
1
139.0
126.0
151.0
137.0
21.6
22.8
19.8
20.8
5
5
5
5
3.0SMCJ90
3.0SMCJ90A
3.0SMCJ100
3.0SMCJ100A
HGW
HGX
HGY
HGZ
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
126.50
115.50
141.00
128.00
1
1
1
1
160.0
146.0
179.0
162.0
18.8
20.6
16.6
18.6
5
5
5
5
3.0SMCJ110
3.0SMCJ110A
3.0SMCJ120
3.0SMCJ120A
HHD
HHE
HHF
HHG
110.00
110.00
120.00
120.00
122.00
122.00
133.00
133.00
154.50
140.50
169.00
153.00
1
1
1
1
196.0
177.0
214.0
193.0
15.4
16.8
14.0
15.6
5
5
5
5
3.0SMCJ130
3.0SMCJ130A
3.0SMCJ150
3.0SMCJ150A
HHH
HHK
HHL
HHM
130.00
130.00
150.00
150.00
144.00
144.00
167.00
167.00
182.50
165.50
211.50
192.50
1
1
1
1
231.0
209.0
269.0
243.0
13.0
14.4
11.2
12.4
5
5
5
5
3.0SMCJ160
3.0SMCJ160A
3.0SMCJ170
3.0SMCJ170A
HHN
HHP
HHQ
HHR
160.00
160.00
170.00
170.00
178.00
178.00
189.00
189.00
226.00
205.00
239.50
217.50
1
1
1
1
287.0
259.0
304.0
275.0
10.4
11.6
9.8
11.0
5
5
5
5


Similar Part No. - 3.0SMCJ8.0

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ8.0 WTE-3.0SMCJ8.0 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ8.0 TSC-3.0SMCJ8.0 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
3.0SMCJ8.0 TSC-3.0SMCJ8.0 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
3.0SMCJ8.0 PANJIT-3.0SMCJ8.0 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ8.0 PANJIT-3.0SMCJ8.0 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
More results

Similar Description - 3.0SMCJ8.0

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
   3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Bytesonic Electronics C...
SMDJ BYTESONIC-SMDJ Datasheet
609Kb / 4P
   3000W Surface Mount Transient Voltage Suppressors
logo
Won-Top Electronics
3KP WTE-3KP Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMDJ5.0CA HUAXINAN-SMDJ5.0CA Datasheet
472Kb / 5P
   3000W Transient Voltage Suppressors
SMDJ5.0CA-3 HUAXINAN-SMDJ5.0CA-3 Datasheet
504Kb / 4P
   3000W Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
   5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMDJ UNSEMI-TPSMDJ Datasheet
2Mb / 6P
   10 To 78V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDJ UNSEMI-SMDJ Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
DONGGUAN YOU FENG WEI E...
3KP5.0A YFWDIODE-3KP5.0A Datasheet
603Kb / 5P
   3000W Axial Leaded Transient Voltage Suppressors PPP 3000W
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com