Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNA41060 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FNA41060
Description  Smart Power Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNA41060 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FNA41060 Datasheet HTML 1Page - Fairchild Semiconductor FNA41060 Datasheet HTML 2Page - Fairchild Semiconductor FNA41060 Datasheet HTML 3Page - Fairchild Semiconductor FNA41060 Datasheet HTML 4Page - Fairchild Semiconductor FNA41060 Datasheet HTML 5Page - Fairchild Semiconductor FNA41060 Datasheet HTML 6Page - Fairchild Semiconductor FNA41060 Datasheet HTML 7Page - Fairchild Semiconductor FNA41060 Datasheet HTML 8Page - Fairchild Semiconductor FNA41060 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2010 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FNA41060 Rev. C
January 2010
Motion-SPMTM
FNA41060
Smart Power Module
Features
• 600V-10A 3-phase IGBT inverter bridge including control ICs
for gate driving and protection
• Easy PCB layout due to built-in bootstrap diode and VS out-
put
• Divided negative dc-link terminals for inverter current sensing
applications
• Single-grounded power supply due to built-in HVIC
• Built-in thermistor for over-temperature monitoring
• Isolation rating of 2000Vrms/min.
Applications
• AC 100V ~ 253V three-phase inverter drive for small power
ac motor drives
• Home appliances applications like air conditioner and refrig-
erator
General Description
It is an advanced motion-smart power module (Motion-SPMTM)
that Fairchild has newly developed and designed to provide
very compact and high performance ac motor drives mainly tar-
geting low-power inverter-driven application like air conditioner
and refrigerator. It combines optimized circuit protection and
drive matched to low-loss IGBTs. System reliability is further
enhanced by the integrated under-voltage lock-out protection,
short-circuit protection, and temperature monitoring. The high
speed built-in HVIC provides opto-coupler-less single-supply
IGBT gate driving capability that further reduce the overall size
of the inverter system design. Each phase current of inverter
can be monitored separately due to the divided negative dc ter-
minals.
Additional Information
For further infomation, please see AN-9070 and FEB305-001 in
http://www.fairchildsemi.com
Figure 1.


Similar Part No. - FNA41060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNA41060 FAIRCHILD-FNA41060 Datasheet
1Mb / 16P
   Smart Power Module
logo
ON Semiconductor
FNA41060 ONSEMI-FNA41060 Datasheet
3Mb / 16P
   Motion SPM 45 Series
October 2017 Rev. 2
logo
Fairchild Semiconductor
FNA41060B2 FAIRCHILD-FNA41060B2 Datasheet
1Mb / 16P
   Smart Power Module
logo
ON Semiconductor
FNA41060B2 ONSEMI-FNA41060B2 Datasheet
3Mb / 16P
   Motion SPM 45 Series
October 2017 Rev. 2
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
More results

Similar Description - FNA41060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com