Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6143ACSX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6143ACSX
Description  Low-Cost Three-Channel 6th-Order Standard Definition Video Filter Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6143ACSX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6143ACSX Datasheet HTML 1Page - Fairchild Semiconductor FMS6143ACSX Datasheet HTML 2Page - Fairchild Semiconductor FMS6143ACSX Datasheet HTML 3Page - Fairchild Semiconductor FMS6143ACSX Datasheet HTML 4Page - Fairchild Semiconductor FMS6143ACSX Datasheet HTML 5Page - Fairchild Semiconductor FMS6143ACSX Datasheet HTML 6Page - Fairchild Semiconductor FMS6143ACSX Datasheet HTML 7Page - Fairchild Semiconductor FMS6143ACSX Datasheet HTML 8Page - Fairchild Semiconductor FMS6143ACSX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6143A • Rev. 1.0.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VS
DC Supply Voltage
-0.3
6.0
V
VIO
Analog and Digital I/O
-0.3
VCC+0.3
V
VOUT
Maximum Output Current, Do Not Exceed
50
mA
Electrostatic Discharge Information
Symbol
Parameter
Min.
Unit
ESD
Human Body Model, JESD22-A114
8.5
kV
Charged Device Model, JESD22-C101
2.0
Reliability Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
ΘJA
Thermal Resistance, JEDEC Standard,
Multilayer Test Boards, Still Air
115
°C/W
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
-40
+85
°C
VCC
Supply Voltage Range
3.14
3.30
5.25
V


Similar Part No. - FMS6143ACSX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6143ACSX ONSEMI-FMS6143ACSX Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
More results

Similar Description - FMS6143ACSX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6363_0512 FAIRCHILD-FMS6363_0512 Datasheet
229Kb / 10P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363 Datasheet
35Kb / 1P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363_08 Datasheet
475Kb / 9P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
logo
ON Semiconductor
FMS6363 ONSEMI-FMS6363 Datasheet
693Kb / 12P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
July 2009 Rev. 1.0.4
FMS6143A ONSEMI-FMS6143A Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
FMS6145 FAIRCHILD-FMS6145 Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146 Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
FMS6141 FAIRCHILD-FMS6141_06 Datasheet
274Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
FMS6141 FAIRCHILD-FMS6141 Datasheet
274Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com