Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA20S120M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGA20S120M
Description  1200V, 20A Shorted-Anode IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA20S120M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGA20S120M Datasheet HTML 1Page - Fairchild Semiconductor FGA20S120M Datasheet HTML 2Page - Fairchild Semiconductor FGA20S120M Datasheet HTML 3Page - Fairchild Semiconductor FGA20S120M Datasheet HTML 4Page - Fairchild Semiconductor FGA20S120M Datasheet HTML 5Page - Fairchild Semiconductor FGA20S120M Datasheet HTML 6Page - Fairchild Semiconductor FGA20S120M Datasheet HTML 7Page - Fairchild Semiconductor FGA20S120M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
tm
©2010 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FGA20S120M Rev. A
March 2010
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Notes:
1: Limited by Tjmax
Symbol
Description
Ratings
Units
VCES
Collector to Emitter Voltage
1200
V
VGES
Gate to Emitter Voltage
±25
V
IC
Collector Current
@ TC = 25
oC
40
A
Collector Current
@ TC = 100
oC
20
A
ICM (1)
Pulsed Collector Current
60
A
IF
Diode Continuous Forward Current
@ TC = 25
oC
40
A
IF
Diode Continuous Forward Current
@ TC = 100
oC
20
A
PD
Maximum Power Dissipation
@ TC = 25
oC
348
W
Maximum Power Dissipation
@ TC = 100
oC
174
W
TJ
Operating Junction Temperature
-55 to +175
oC
Tstg
Storage Temperature Range
-55 to +175
oC
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
oC
Symbol
Parameter
Typ.
Max.
Units
RθJC(IGBT)
Thermal Resistance, Junction to Case
--
0.43
oC/W
RθJC(Diode)
Thermal Resistance, Junction to Case
--
0.43
oC/W
RθJA
Thermal Resistance, Junction to Ambient
--
40
oC/W
G C E
TO-3PN
G
C
E
FGA20S120M
1200V, 20A Shorted-Anode IGBT
Features
• High speed switching
• Low saturation voltage: VCE(sat) =1.55V @ IC = 20A
• High input impedance
• RoHS compliant
Applications
• Induction heating and Microvewave Oven
• Soft switching Application
General Description
Using advanced Field Stop Trench and shorted-anode technol-
ogy, Fairchild’s 1200V Shorted-Anode Trench IGBTs offer supe-
rior conduction and switching performances, and easy parallel
operation with exceptional avalanche capability. This device is
designed for Induction heating Microvewave Oven.


Similar Part No. - FGA20S120M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA20S125P FAIRCHILD-FGA20S125P Datasheet
1Mb / 8P
   1250 V, 20 A Shorted-anode IGBT
More results

Similar Description - FGA20S120M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA50S110P FAIRCHILD-FGA50S110P Datasheet
222Kb / 8P
   1100 V, 50 A Shorted-anode IGBT
FGA15S125P FAIRCHILD-FGA15S125P Datasheet
278Kb / 8P
   1250 V, 15 A Shorted-anode IGBT
FGA20S125P FAIRCHILD-FGA20S125P Datasheet
1Mb / 8P
   1250 V, 20 A Shorted-anode IGBT
logo
ON Semiconductor
FGA25S125P ONSEMI-FGA25S125P Datasheet
633Kb / 7P
   1250 V, 25 A Shorted-anode IGBT
October-2017,Rev. 2
logo
Fairchild Semiconductor
FGA20N120FTD FAIRCHILD-FGA20N120FTD Datasheet
721Kb / 9P
   1200V, 20A Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE20G120T NCEPOWER-NCE20G120T Datasheet
348Kb / 8P
   1200V, 20A, Trench NPT IGBT
logo
Renesas Technology Corp
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0_15 Datasheet
114Kb / 10P
   1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0 Datasheet
59Kb / 4P
   1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0_13 Datasheet
116Kb / 10P
   1200V - 20A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGA20S140P FAIRCHILD-FGA20S140P Datasheet
872Kb / 8P
   Shorted AnodeTM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com