Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBGA099T060 Datasheet(PDF) 1 Page - Rohm

Part # VBGA099T060
Description  LSI Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VBGA099T060 Datasheet(HTML) 1 Page - Rohm

  VBGA099T060 Datasheet HTML 1Page - Rohm VBGA099T060 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VBGA099T060
• VBGA099T060
LSI Assembly
(Units : mm)
The contents described herein are subject to change without notice.
S
0.08
S
6.0
±0.1
1Pin MARK
D
E
F
G
H
J
K
C
B
A
4
5
6
7
8
9
10
3 2 1
A
0.75
±0.1
P
=0.5×9
0.5
99
−φ0.3±0.05
B
A
S
M
0.05


Similar Part No. - VBGA099T060

ManufacturerPart #DatasheetDescription
logo
Rohm
VBGA099W060 ROHM-VBGA099W060 Datasheet
60Kb / 2P
   LSI Assembly
More results

Similar Description - VBGA099T060

ManufacturerPart #DatasheetDescription
logo
Rohm
VQFN040V6060 ROHM-VQFN040V6060 Datasheet
79Kb / 2P
   LSI Assembly
SBGA035T050 ROHM-SBGA035T050 Datasheet
80Kb / 2P
   LSI Assembly
VBGA035T040 ROHM-VBGA035T040 Datasheet
80Kb / 2P
   LSI Assembly
VQFP80 ROHM-VQFP80_1 Datasheet
59Kb / 2P
   LSI Assembly
WSOF6 ROHM-WSOF6 Datasheet
79Kb / 2P
   LSI Assembly
UQFN044V6060 ROHM-UQFN044V6060 Datasheet
79Kb / 2P
   LSI Assembly
UQFP80 ROHM-UQFP80_1 Datasheet
82Kb / 2P
   LSI Assembly
HQFN20V ROHM-HQFN20V Datasheet
37Kb / 2P
   LSI Assembly
HQFN28V ROHM-HQFN28V Datasheet
38Kb / 2P
   LSI Assembly
HSOP28 ROHM-HSOP28 Datasheet
37Kb / 2P
   LSI Assembly
HSSOP-A54 ROHM-HSSOP-A54 Datasheet
41Kb / 2P
   LSI Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com