Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN7812T Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN7812T
Description  POSITIVE FIXED VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN7812T Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN7812T Datasheet HTML 1Page - Microsemi Corporation JAN7812T Datasheet HTML 2Page - Microsemi Corporation JAN7812T Datasheet HTML 3Page - Microsemi Corporation JAN7812T Datasheet HTML 4Page - Microsemi Corporation JAN7812T Datasheet HTML 5Page - Microsemi Corporation JAN7812T Datasheet HTML 6Page - Microsemi Corporation JAN7812T Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SG7800A/SG7800 SERIES
05/01 Rev 1.4
LINFINITY Microelectronics Inc.
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞ FAX: (714) 893-2570
ABSOLUTE MAXIMUM RATINGS (Note 1)
Device
Input Voltage
Input Voltage Differential
Output Voltage
Input Voltage
(transient) (Note 3)
(Output shorted to ground)
5V
35V
50V
35V
12V
35V
50V
35V
15V
35V
50V
35V
POSITIVE REGULATOR
Operating Junction Temperature
Hermetic (K, T, IG & L - Packages) .........................
150°C
Storage Temperature Range ..........................
Lead Temperature (Soldering, 10 Seconds) .................
-65°C to 150°C
300°C
Note 1. Values beyond which damage may occur.
THERMAL DATA
K Package:
Thermal Resistance-Junction to Case,
θ
JC .................
3.0°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............... 35°C/W
T Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
15°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............
120°C/W
IG Package:
Thermal Resistance-Junction to Case,
θ
JC .................
3.5°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ..............
42°C/W
L Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............
120°C/W
Note A. Junction Temperature Calculation: T
J = TA + (PD x θJA).
Note B. The above numbers for
θ
JC are maximums for the limiting thermal
resistance of the package in a standard mounting configuration.
The
θ
JA numbers are meant to be guidelines for the thermal
performance of the device/pc-board system. All of the above
assume no ambient airflow.
Note 3. Operation at high input voltages is dependent upon load current. When
load current is less than 5mA, output will rise out of regulation as input-
oiutput differential icreases beyond 30V. Note also from Figure 1, that
maximum load current is reduced at high voltages. The 50V input rating
of the SG140A series refers to ability to withstnd high line or transient
conditions without damage. Since the regulator's maximum current
capability is reduced, the output may fall out of regulation at high input
voltages under nominal loading.
FIGURE 1.
PEAK OUTPUT CURRENT
VS. INPUT - OUTPUT DIFFERENTIAL
RECOMMENDED OPERATING CONDITIONS (Note 2)
Note 2. Range over which the device is functional.
CHARACTERISTIC CURVES
Operating Junction Temperature Range:
SG7800A/SG7800 ........................................ -55
°C to 150°C


Similar Part No. - JAN7812T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN7812T MICROSEMI-JAN7812T Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
JAN7812T MICRO-ELECTRONICS-JAN7812T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
JAN7812T ETC1-JAN7812T Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
JAN7812T MICROSEMI-JAN7812T Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
JAN7812T MICROSEMI-JAN7812T Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - JAN7812T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com