Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG29055AP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG29055AP
Description  LOW DROPOUT DUAL REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG29055AP Datasheet(HTML) 2 Page - Microsemi Corporation

  SG29055AP Datasheet HTML 1Page - Microsemi Corporation SG29055AP Datasheet HTML 2Page - Microsemi Corporation SG29055AP Datasheet HTML 3Page - Microsemi Corporation SG29055AP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SG29055/55A
12/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞ FAX: (714) 893-2570
Input Voltage (V
IN) Operating ..............................................
Input Voltage (V
IN) Overvoltage Transient ..............
ON/OFF Switch ......................................................
26V
-15V to 60V
-0.3V to V
IN
-65
°C to 150°C
150
°C
Storage Temperature Range (T
STG) ...................
Operating Junction Temperature (T
J) ...............................
ABSOLUTE MAXIMUM RATINGS
Note 1. Exceeding these values may destroy this part.
P Package:
Thermal Resistance-Junction to Case,
θ
JT ................ 4.0°C/W*
Thermal Resistance-Junction to Ambient,
θ
JA .............. 55°C/W
THERMAL DATA
Note A. Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
-15V max.
-50V max.
10
µF min.
-40
°C to 85°C
Input Voltage (V
IN ) ......................................................
ON/OFF Threshold Voltage
Low Level, V
IL (VOUT is OFF) ..................................
High Level, V
IH (VOUT is ON) ....................................
Load Current V
OUT (with adequate heatsinking) ....
Maximum Line Transient (Load Dump) V
SB ≤ 6V .......
Input Capacitor (V
IN to GND) ...................................
6V to 26V
0.8V max.
2.0V min.
5 to 1000mA
60V max.
0.1
µF min.
Reverse Polarity D.C. Input Voltage (V
IN)
(V
O ≥ -0.6V, 16Ω load) ...........................................
Reverse Polarity Transient Input Voltage (V
IN )
(1% duty cycle, T
≤ 100ms, V
O ≥ -9V, 16Ω load) ....
Output Capacitor with ESR of 1
Ω max.
(V
OUT to GND & VSBto GND) ...................................
Operating Ambient Temperature Range (T
A)
SG29055/55A .................................................
Note 2. Range over which the device is functional.
Note 3. During 60V load dump, V
SB shall not be less than 4.75V at IOUT = 10mA.
RECOMMENDED OPERATING CONDITIONS (Notes 2 & 3)
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply for the operating ambient temperature of
T
A
= 25°C. V
IN
= 14V. I
O
= 500mA for V
OUT
and 10mA for V
SB
and are for DC characteristics only. Low duty cycle pulse testing techniques are
used which maintains junction and case temperatures equal to the ambient temperature.)
Units
SG29055/55A
Min.
Max.
4.75
4.90
0.7
1.0
26.5
60
-10
5.00
5.00
4
10
10
200
2
40
90
15
100
20
66
0.45
1.8
31
70
5.25
5.10
25
50
50
100
25
0.6
1.2
2.5
50
Typ.
V
V
mV
mV
mV
m
mA
mA
mA
mA
µV
RMS
mV/1000hr
dB
V
V
A
V
V
µA
µA
Test Conditions
Parameter
Output Voltage (Note 4)
Line Regulation
Load Regulation
Output Impedance
Quiescent Current
Output Noise Voltage
Long Term Stability
Ripple Rejection
Dropout Voltage
Current Limit
Maximum Operational Input Voltage
Maximum Line Transient
ON/OFF Switch (I
IH)
ON/OFF Switch (I
IL)
Voltage Output (V
OUT) Section
6V
≤ V
IN ≤ 26V, IO ≤ 1000mA, -40°C ≤ TA ≤ 85°C
SG29055
SG29055A
6V
≤ V
IN ≤ 16V, IO = 5mA
6V
≤ V
IN ≤ 26V, IO = 5mA
5mA
≤ I
O ≤ 1000mA
500mA
DC and 10mARMS , 100Hz - 10kHz
I
O ≤ 10mA, No Load on Standby
I
O = 500mA, No Load on Standby
I
O = 750mA, No Load on Standby
I
O = 220mA, ISB = 10mA, VIN = VOUT - 200mV
10Hz - 100kHz
F
O = 120Hz
I
O = 500mA
I
O = 1000mA
Double Battery
V
O ≤ 5.5V
I
O = 10mA, Pin 4 = 2.4V
I
O = 10mA, Pin 4 = 0.4V
* =
θθθθθ
JT (Junction to Tab)


Similar Part No. - SG29055AP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29055AP MICROSEMI-SG29055AP Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results

Similar Description - SG29055AP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
   Low Dropout Dual Regulator
December, 2001 - Rev. 3
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
LX8942 MICROSEMI-LX8942 Datasheet
238Kb / 8P
   Low Dropout Dual Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com