Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6862LTY Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN6862LTY
Description  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862LTY Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6862LTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 9Page - Fairchild Semiconductor FAN6862LTY Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862R/L • Rev. 1.0.0
6
Electrical Characteristics (Continued)
VDD = 15V and TA = 25°C unless otherwise noted.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PWM Output Section
DCYMAX
Maximum Duty Cycle
70
%
VOL
Output Voltage Low
VDD=15V, IO=50mA
1.5
V
VOH
Output Voltage High
VDD=8V, IO=50mA
6
V
tR
Rising Time
CL=1nF
150
200
ns
tF
Falling Time
CL=1nF
35
ns
VCLAMP
Gate Output Clamping Voltage
VDD=20V
15.0
16.5
18.0
V
Over-Temperature Protection (OTP) Section
IRT
Output Current of RT Pin
100
μA
VOTP
Threshold Voltage for Over-Temperature
Protection
TA=25°C
0.97
1.02
1.07
V
tDOTP
Over-Temperature Debounce Time
VFB=VFB-N
17
ms
VFB=VFB-G
51
VOTP2
2
nd Threshold Voltage for Over-
Temperature Protection
TA=25°C
0.60
0.70
0.75
V
tDOTP2
2
nd Over-Temperature Debounce Time
100
μs


Similar Part No. - FAN6862LTY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862 FAIRCHILD-FAN6862 Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862NY FAIRCHILD-FAN6862NY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862TY FAIRCHILD-FAN6862TY Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862TY FAIRCHILD-FAN6862TY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6862LTY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com