Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6747 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN6747
Description  Highly Integrated Green-Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6747 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6747 Datasheet HTML 2Page - Fairchild Semiconductor FAN6747 Datasheet HTML 3Page - Fairchild Semiconductor FAN6747 Datasheet HTML 4Page - Fairchild Semiconductor FAN6747 Datasheet HTML 5Page - Fairchild Semiconductor FAN6747 Datasheet HTML 6Page - Fairchild Semiconductor FAN6747 Datasheet HTML 7Page - Fairchild Semiconductor FAN6747 Datasheet HTML 8Page - Fairchild Semiconductor FAN6747 Datasheet HTML 9Page - Fairchild Semiconductor FAN6747 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6747 • Rev. 1.0.1
6
Electrical Characteristics
VDD=15V and TA=25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Figure 6. Normal UVLO and Two-Step UVLO Behavior
HV Section
IHV
Supply Current Drawn from HV
Pin
VHV=120V, VDD=0V
1.50
2.75
4.00
mA
VIN-OFF
PWM Turn-Off Threshold
DC Source Series
R=200k to HV Pin
92
102
112
V
VIN-ON
PWM Turn-On Threshold
DC Source Series
R=200k to HV Pin
104
114
124
V
∆VIN
Change in VIN, VIN-ON - VIN-OFF
DC Source Series
R=200k to HV Pin
6
12
18
V
tS-CYCLE
Line Voltage Sample cycle
VFB > VFB-N
170
205
240
μs
VFB < VFB-G
450
615
780
tS-TIME
Line Voltage Sample Period
20
μs
tD_VIN-OFF
PWM Turn-Off Debounce Time
VFB > VFB-N
65
75
85
ms
VFB < VFB-G
180
235
290
ms
Figure 7. Brownout Circuit


Similar Part No. - FAN6747

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
More results

Similar Description - FAN6747

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com