Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL2731M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HCPL2731M
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2731M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HCPL2731M Datasheet HTML 1Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 2Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 3Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 4Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 5Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
3
Electrical Characteristics
(TA = 0 to 70°C unless otherwise specified. Typical value is measured at TA = 25ºC and VCC = 5.0V.)
Individual Component Characteristics
Transfer Characteristics
Symbol
Parameter
Test Conditions
Device
Min.
Typ.
Max.
Unit
EMITTER
VF
Input Forward Voltage
TA = 25°C
All
1.30
1.7
V
Each channel (IF = 1.6mA)
1.75
BVR
Input Reverse
Breakdown Voltage
TA = 25°C, IR = 10µA
All
5.0
19
V
∆V
F / ∆TA
Temperature
Coefficient of
Forward Voltage
IF = 1.6mA
All
-1.94
mV/°C
DETECTOR
IOH
Logic HIGH Output Cur-
rent
IF = 0mA, VO = VCC = 18V
6N139M
0.0036
100
µA
Each Channel
HCPL2731M
IF = 0mA, VO = VCC = 7V
6N138M
0.001
250
Each Channel
HCPL2730M
ICCL
Logic LOW supply
IF = 1.6mA, VO = Open, VCC = 18V
6N138M,
6N139M
0.4
1.5
mA
IF1 = IF2 = 1.6mA,
VO1 = VO2 = Open
VCC = 18V
HCPL2731M
3
VCC = 7V
HCPL2730M
ICCH
Logic HIGH Supply
IF = 0mA, VO = Open, VCC = 18V
6N138M,
6N139M
0.0003
10
µA
IF1 = IF2 = 0mA,
VO1 = VO2 = Open
VCC = 18V
HCPL2731M
20
VCC = 7V
HCPL2730M
Symbol
Parameter
Test Conditions
Device
Min.
Typ.
Max.
Unit
COUPLED
CTR
Current Transfer
Ratio(2)(3)
IF = 0.5mA, VO = 0.4 V, VCC = 4.5V
6N139M
400
2000
%
Each Channel
HCPL2731M
IF = 1.6mA, VO = 0.4 V, VCC = 4.5V
6N139M
500
1600
Each Channel
HCPL2731M
IF = 1.6mA, VO = 0.4 V, VCC = 4.5V
6N138M
300
1600
Each Channel
HCPL2730M
VOL
Logic LOW Output
Voltage(3)
IF = 0.5mA, IO = 2mA, VCC = 4.5V
6N139M
0.05
0.4
V
IF = 1.6mA, IO = 8mA, VCC = 4.5V
6N139M
0.093
0.4
Each Channel
HCPL2731M
IF = 5mA, IO = 15mA, VCC = 4.5V
6N139M
0.13
0.4
Each Channel
HCPL2731M
IF = 12mA, IO = 24mA, VCC = 4.5V
6N139M
0.18
0.4
Each Channel
HCPL2731M
IF = 1.6mA, IO = 4.8mA, VCC = 4.5V
6N138M
0.06
0.4
Each Channel
HCPL2730M


Similar Part No. - HCPL2731M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL2731M FAIRCHILD-HCPL2731M Datasheet
442Kb / 14P
   Low current ??0.5mA
More results

Similar Description - HCPL2731M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com