Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1846 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG1846
Description  CURRENT MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1846 Datasheet(HTML) 4 Page - Microsemi Corporation

  SG1846_1 Datasheet HTML 1Page - Microsemi Corporation SG1846_1 Datasheet HTML 2Page - Microsemi Corporation SG1846_1 Datasheet HTML 3Page - Microsemi Corporation SG1846_1 Datasheet HTML 4Page - Microsemi Corporation SG1846_1 Datasheet HTML 5Page - Microsemi Corporation SG1846_1 Datasheet HTML 6Page - Microsemi Corporation SG1846_1 Datasheet HTML 7Page - Microsemi Corporation SG1846_1 Datasheet HTML 8Page - Microsemi Corporation SG1846_1 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SG1846
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞ FAX: (714) 893-2570
ELECTRICAL CHARACTERISTICS (continued)
Max. Min. Typ. Max.
Typ.
SG3846
Parameter
Test Conditions
Units
SG1846
SG2846
7.7
0.75
8.0
7.7
0.75
8.0
V
V
Note 4. These parameters although guaranteed over the recommended
operating conditions, are not tested in production.
Note 5. Parameter measured at trip point of latch with V
PIN 5 = VREF ,
V
PIN 6 = 0V.
Note 6. Amplifier gain defined as : G =
; V
PIN 4
= 0V to 1.0V
Note 7. Current into Pin 1 guaranteed to latch circuit in shutdown state.
Note 8. Current into Pin 1 guaranteed not to latch circuit in shutdown
state.
Note 9. R
T = 10K Ω, CT = 4.7nF
Min.
CHARACTERISTIC CURVES
FIGURE 1.
REFERENCE VOLTAGE VS. TEMPERATURE
FIGURE 2.
V
REF SHORT CIRCUIT CURRENT VS. TEMPERATURE
FIGURE 3.
CURRENT SENSE THRESHOLD
VS. ERROR AMPLIFIER OUTPUT
FIGURE 4.
CURRENT SENSE GAIN VS. TEMPERATURE
FIGURE 5.
OSCILLATOR VALLEY VOLTAGE VS. TEMPERATURE
FIGURE 6.
OSCILLATOR PEAK VOLTAGE VS. TEMPERATURE
Under-Voltage Lockout Section
Start-Up Threshold
Threshold Hysteresis
Total Standby Current
Supply Current
17
21
17
21
mA
∆ V
PIN 7
∆ V
PIN 4


Similar Part No. - SG1846_1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1846F/DESC MICROSEMI-SG1846F/DESC Datasheet
210Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG1846J MICROSEMI-SG1846J Datasheet
210Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG1846J/883B MICROSEMI-SG1846J/883B Datasheet
210Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG1846J/DESC MICROSEMI-SG1846J/DESC Datasheet
210Kb / 10P
   CURRENT MODE PWM CONTROLLER
SG1846L MICROSEMI-SG1846L Datasheet
210Kb / 10P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG1846_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com