Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-LUZ-EQ Datasheet(PDF) 4 Page - Vicor Corporation

Part # VI-LUZ-EQ
Description  50 to 600W Autoranging AC-DC Switchers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-LUZ-EQ Datasheet(HTML) 4 Page - Vicor Corporation

  VI-LUZ-EQ Datasheet HTML 1Page - Vicor Corporation VI-LUZ-EQ Datasheet HTML 2Page - Vicor Corporation VI-LUZ-EQ Datasheet HTML 3Page - Vicor Corporation VI-LUZ-EQ Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mechanical Drawings
10
11
12
13
14
15
16
7
8
9
MOUNTING HOLE
ø 0.15
±0.01 THRU
4 PLACES
2.156
±0.010
54.76
±0.25
0.192
±0.010
4.88
±0.25 0.18
4.57
6.00
152.4
2.540
±0.030
64.52
±0.76
1.27
32.26
MOUNTING HOLE
ø 0.15
±0.01 THRU
5 PLACES
10
16
10
11
12
13
14
15
16
10
11
12
13
14
15
16
10
11
12
13
14
15
16
7
8
9
1
2
3
4
5
6
4.562
±0.010
115.87
±0.25
2.281
±0.010
57.94
±0.25
0.199
±0.010
5.05
±0.25 0.18
4.57
6.00
152.4
4.960
±0.030
125.98
±0.76
3.83
97.16
1.17
29.72
+
10
11
12
13
14
15
16
10
16
10
11
12
13
14
15
16
10
11
12
13
14
15
16
10
11
12
13
14
15
16
10
11
12
13
14
15
16
10
16
10
16
10
11
12
13
14
15
16
7
8
9
1
2
3
4
5
6
7.000
±0.010
177.8
±0.25
4.710
±0.010
119.63
±0.25
2.290
±0.010
58.17
±0.25
MOUNTING HOLE
ø 0.15
±0.01 THRU
6 PLACES
0.190
±0.010
4.83
±0.25 0.18
4.57
6.00
152.4
7.380
±0.030
187.45
±0.76
5.48
139.19
1.93
49.02
+
+
+
1.375
±0.020
34.91
±0.51
0.50
12.57
9.245
±0.030
234.82
±0.76
1.11
28.19
Measure case temperature
this surface.
Inputs
1 MOD DIS–
2 MOD DIS+
3 AC OK–
4 AC OK+
5 BUS OK–
6 BUS OK+
7 AC IN L1
8 AC IN L2/N
9 CHASSIS GND
Outputs
10 +OUT (#10-32 Stud)
11 +OUT
12 +SENSE (VTRIM*)
13 TRIM (ITRIM*)
14 –SENSE (IMON*)
15 –OUT
16 –OUT (#10-32 Stud)
*On FlatPACs with BatMODs only.
Input connector,
Amp P/N 644488-6;
mating connector,
MTA-100 IDC Series
Terminals for
#16-12 AWG wire
Output connector,
Amp P/N 644486-5;
mating connector,
MTA-100 IDC Series
All Models
LU Series
MU, PU Series
NU, QU, RU Series
FlatPAC 10/02
4 of 4


Similar Part No. - VI-LUZ-EQ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-LUZ-EY VICOR-VI-LUZ-EY Datasheet
304Kb / 4P
   50 to 600 W Autoranging AC-DC Switchers
More results

Similar Description - VI-LUZ-EQ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
   50 to 600 W Autoranging AC-DC Switchers
VI-MA1-EQ VICOR-VI-MA1-EQ Datasheet
2Mb / 4P
   50 to 600 Watt Autoranging AC-DC Switchers
REV.3
COMPAC VICOR-COMPAC Datasheet
204Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
logo
TDK Electronics
PH150S4828 TDK-PH150S4828 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH150S48-24 TDK-PH150S48-24 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
List of Unclassifed Man...
PH300S48 ETC1-PH300S48 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
   AC INPUT - AUTORANGING
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
   600W Single Output Economy/Technology Switchers
logo
Applied Motion Products...
PS600A48 AMP-PS600A48 Datasheet
595Kb / 2P
   AC/DC Power Supply ??PFC ??600W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com