Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUM002N02 Datasheet(PDF) 4 Page - Rohm

Part # RUM002N02
Description  1.2V Drive Nch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RUM002N02 Datasheet(HTML) 4 Page - Rohm

  RUM002N02 Datasheet HTML 1Page - Rohm RUM002N02 Datasheet HTML 2Page - Rohm RUM002N02 Datasheet HTML 3Page - Rohm RUM002N02 Datasheet HTML 4Page - Rohm RUM002N02 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.07 - Rev.A
Data Sheet
RUM002N02
Measurement circuit
Fig.1-1 Switching time measurement circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
50%
10%
90%
10%
50%
Pulse width
10%
VGS
VDS
90%
tf
toff
td (off)
tr
ton
td (on)
Fig.1-2 Switching waveforms
Notice
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit
0
0.5
1
1.5
2
2.5
02
468
10
Ta=25°C
Pulsed
ID= 0.02A
ID= 0.2A
0.1
1
0.01
0.1
1
VDS= 10V
Pulsed
Ta= -25°C
Ta=25°C
Ta=75°C
Ta=125°C
Fig.12 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
Fig.10 Forward Transfer Admittance
vs. Drain Current
DRAIN-CURRENT : ID[A]
GATE-SOURCE VOLTAGE : VGS[V]
1
10
100
0.01
0.1
1
10
100
Ciss
Coss
Crss
Ta=25°C
f=1MHz
VGS=0V
Fig.14 Typical Capacitance
vs. Drain-Source Voltage
DRAIN-SOURCE VOLTAGE : VDS[V]
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0.0
0.01
0.1
1
Ta
=125°C
75
°C
25
°C
−25°C
Fig.11 Source current vs.
source-drain voltage
VGS
=0V
Pulsed
0.01
0.1
10
DRAIN CURRENT : ID (A)
100
1000
1
1
Fig.13 Switching characteristics
td(off)
tr
td(on)
tf
Ta
=25°C
VDD
=10V
VGS
=4V
RG
=10Ω
Pulsed


Similar Part No. - RUM002N02

ManufacturerPart #DatasheetDescription
logo
Rohm
RUM002N02T2L ROHM-RUM002N02T2L Datasheet
156Kb / 6P
   1.2V Drive Nch MOSFET
More results

Similar Description - RUM002N02

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6K33 ROHM-EM6K33 Datasheet
198Kb / 6P
   1.2V Drive Nch Nch MOSFET
VT6K1 ROHM-VT6K1 Datasheet
1Mb / 6P
   1.2V Drive Nch Nch MOSFET
EM6K7 ROHM-EM6K7 Datasheet
223Kb / 5P
   1.2V Drive NchNch MOSFET
UM6K33N ROHM-UM6K33N_10 Datasheet
193Kb / 6P
   1.2V Drive Nch Nch MOSFET
RUE002N02 ROHM-RUE002N02 Datasheet
222Kb / 5P
   1.2V Drive Nch MOSFET
RUC002N05 ROHM-RUC002N05 Datasheet
205Kb / 6P
   1.2V Drive Nch MOSFET
RUE002N05 ROHM-RUE002N05 Datasheet
193Kb / 6P
   1.2V Drive Nch MOSFET
RUM002N05 ROHM-RUM002N05 Datasheet
178Kb / 6P
   1.2V Drive Nch MOSFET
RUU002N05_1006 ROHM-RUU002N05_1006 Datasheet
209Kb / 6P
   1.2V Drive Nch MOSFET
RUB002N02 ROHM-RUB002N02 Datasheet
1Mb / 7P
   1.2V Drive Nch MOSFET
RU1C002UN ROHM-RU1C002UN Datasheet
964Kb / 6P
   1.2V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com