Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUF020N02 Datasheet(PDF) 2 Page - Rohm

Part # RUF020N02
Description  1.5V Drive Nch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RUF020N02 Datasheet(HTML) 2 Page - Rohm

  RUF020N02 Datasheet HTML 1Page - Rohm RUF020N02 Datasheet HTML 2Page - Rohm RUF020N02 Datasheet HTML 3Page - Rohm RUF020N02 Datasheet HTML 4Page - Rohm RUF020N02 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RUF020N02
Data Sheet
2/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
−±10
µAVGS=±10V, VDS=0V
VDD
10V, ID= 2A
20
−−
VID= 1mA, VGS=0V
−−
1
µAVDS= 20V, VGS=0V
0.3
1.0
V
VDS= 10V, ID= 1mA
75
105
ID= 2A, VGS= 4.5V
95
135
m
m
m
ID= 2A, VGS= 2.5V
130
185
ID= 1A, VGS= 1.8V
m
170
240
ID= 0.4A, VGS= 1.5V
1.8
−−
SVDS= 10V, ID= 2A
180
pF
VDS= 10V
45
25
pF
VGS=0V
6
pF
f=1MHz
17
ns
30
ns
30
ns
2.0
ns
0.6
nC
0.4
nC
VGS= 4.5V
−−
nC
VDD
10
V
ID= 1A
VGS= 4.5V
RL 10
RL
5
Ω, RG=10Ω
RG=10
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
−−
1.2
V
IS= 2A, VGS=0V
Forward voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗Pulsed


Similar Part No. - RUF020N02

ManufacturerPart #DatasheetDescription
logo
Rohm
RUF025N02 ROHM-RUF025N02 Datasheet
109Kb / 5P
   1.5V Drive Nch MOSFET
RUF025N02 ROHM-RUF025N02 Datasheet
723Kb / 12P
   Nch 20V 2.5A Power MOSFET
RUF025N02FRA ROHM-RUF025N02FRA Datasheet
2Mb / 14P
   Nch 20V 2.5A Small Signal MOSFET
RUF025N02TL ROHM-RUF025N02TL Datasheet
723Kb / 12P
   Nch 20V 2.5A Power MOSFET
More results

Similar Description - RUF020N02

ManufacturerPart #DatasheetDescription
logo
Rohm
RUQ050N02 ROHM-RUQ050N02_10 Datasheet
1Mb / 5P
   1.5V Drive Nch MOSFET
RUL035N02 ROHM-RUL035N02 Datasheet
107Kb / 5P
   1.5V Drive Nch MOSFET
RUQ050N02 ROHM-RUQ050N02 Datasheet
111Kb / 5P
   1.5V Drive Nch MOSFET
RUR020N02 ROHM-RUR020N02 Datasheet
235Kb / 5P
   1.5V Drive Nch MOSFET
RW1C020UN ROHM-RW1C020UN Datasheet
230Kb / 5P
   1.5V Drive Nch MOSFET
TT8K1 ROHM-TT8K1 Datasheet
312Kb / 6P
   1.5V Drive Nch MOSFET
RUF025N02 ROHM-RUF025N02 Datasheet
109Kb / 5P
   1.5V Drive Nch MOSFET
logo
Vectron International, ...
RUR040N02 VECTRON-RUR040N02 Datasheet
104Kb / 5P
   1.5V Drive Nch MOSFET
logo
Rohm
RUR040N02TL ROHM-RUR040N02TL Datasheet
107Kb / 5P
   1.5V Drive Nch MOSFET
RW1C015UN ROHM-RW1C015UN Datasheet
231Kb / 5P
   1.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com