Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTR030N05 Datasheet(PDF) 1 Page - Rohm

Part # RTR030N05
Description  2.5V Drive Nch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTR030N05 Datasheet(HTML) 1 Page - Rohm

  RTR030N05 Datasheet HTML 1Page - Rohm RTR030N05 Datasheet HTML 2Page - Rohm RTR030N05 Datasheet HTML 3Page - Rohm RTR030N05 Datasheet HTML 4Page - Rohm RTR030N05 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.A
2.5V Drive Nch MOSFET
RTR030N05
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) Low On-resistance.
2) Built-in G-S Protection Diode.
3) Small Surface Mount Package (TSMT3).
Application
Inner circuit
Switching
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
RTR030N05
TL
3000
Type
Absolute maximum ratings (Ta=25
°C)
∗1
∗1
∗2
Parameter
V
VDSS
Symbol
45
V
VGSS
±12
A
ID
±3
A
IDP
±12
A
IS
0.8
A
ISP
12
W
PD
1.0
°C
Tch
150
°C
Tstg
−55 to +150
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 When mounted on a ceramic board
Source current
(Body diode)
Thermal resistance
°C / W
Rth (ch-a)
125
Parameter
Symbol
Limits
Unit
Channel to ambient
∗ When mounted on a ceramic board
Each lead has same dimensions
(1) Gate
(2) Source
(3) Drain
TSMT3
0~0.1
0.16
0.85
1.0MAX
0.7
(2)
(1)
(3)
2.9
1.9
0.95
0.95
0.4
Abbreviated symbol : PV
(1) Gate
(2) Source
(3) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(3)
(1)
(2)


Similar Part No. - RTR030N05

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR030N05 ROHM-RTR030N05 Datasheet
162Kb / 5P
   2.5V Drive Nch MOSFET
RTR030N05FRA ROHM-RTR030N05FRA Datasheet
2Mb / 14P
   Nch 45V 3A Middle Power MOSFET
RTR030N05HZG ROHM-RTR030N05HZG Datasheet
2Mb / 15P
   Nch 45V 3A Small Signal MOSFET
RTR030N05TL ROHM-RTR030N05TL Datasheet
162Kb / 5P
   2.5V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RTR030N05TL VBSEMI-RTR030N05TL Datasheet
475Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - RTR030N05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
[Old version datasheet]   2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
   2.5V Drive Nch Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
   2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
   2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
   2.5V Drive Nch Nch MOSFET
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com