Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3731J Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG3731J
Description  DC MOTOR PULSE WIDTH MODULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3731J Datasheet(HTML) 2 Page - Microsemi Corporation

  SG3731J Datasheet HTML 1Page - Microsemi Corporation SG3731J Datasheet HTML 2Page - Microsemi Corporation SG3731J Datasheet HTML 3Page - Microsemi Corporation SG3731J Datasheet HTML 4Page - Microsemi Corporation SG3731J Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SG1731/SG2731/SG3731
Rev 1.3a
Copyright
 1999
11861
Western
Avenue
Garden
Grove,
CA
92841
2
(714) 898-8121
FAX: (714) 893-2570
ABSOLUTE MAXIMUM RATINGS (Note1)
Output Driver Diode Current (continuous) .................... 200mA
Output Driver Diode Current (peak, 500ns) .................. 400mA
Operating Junction Temperature
Hermetic (J - Package) ............................................... 150
°C
Plastic (N - Package) .................................................. 150
°C
Storage Temperature Range ............................ -65°C to 150
°C
Lead Temperature (Soldering, 10 Seconds) .................. 300
°C
Supply Voltage (±V
S) ........................................................ ±18V
Analog Inputs .......................................................................
±V
S
Digital Inputs (SHUTDOWN) .................... -V
S-0.3V to -VS+18V
Output Driver Supply Voltage (
±V
O) ................................. ±25V
Source/Sink Output Current (continuous) .................... 200mA
Source/Sink Output Current (peak, 500ns) .................. 400mA
Note 1. Values beyond which damage may occur.
J Package:
Thermal Resistance-Junction to Case,
θ
JC ..............
30°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .......... 80°C/W
N Package:
Thermal Resistance-Junction to Case,
θ
JC ..............
40°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .........
65°C/W
THERMAL DATA
Note A.
Junction Temperature Calculation: T
J = TA + (PD x θJA).
Note B. The above numbers for
θ
JC are maximums for the limiting thermal
resistance of the package in a standard mounting configuration.
The
θ
JA numbers are meant to be guidelines for the thermal
performance of the device/pc-board system. All of the above
assume no ambient airflow.
Oscillator Frequency Range ........................... 10Hz to 350KHz
Oscillator Voltage (Peak-to-Peak) ............................. 1V to 10V
Oscillator Timing Capacitor (C
T) ....................... 200pF to 2.5µF
Operating Ambient Temperature Range
SG1731 ........................................................ -55
°C to 125°C
SG2731 ........................................................... -25
°C to 85°C
SG3731 .............................................................. 0
°C to 70°C
Supply Voltage Range (±V
S) ............................... ±3.5V to ±15V
Error Amp Common-Mode Range ............... -V
S + 3V to VS - 3V
Output Driver Supply Voltage Range ..................
±2.5V to ±22V
Source/Sink Output Current (continuous) .................... 100mA
Source/Sink Output Current (peak, 500ns) .................. 200mA
Output Driver Diode Current (continuous) .................... 100mA
Output Driver Diode Current (peak, 500ns) .................. 200mA
Note 2. Range over which the device is functional and parameter limits are guaranteed.
RECOMMENDED OPERATING CONDITIONS (Note 2)
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specfiications apply over the operating ambient temperatures for SG1731 with -55
°C ≤ T
A ≤ 125°C, SG2731 with
-25
°C ≤ T
A ≤ 85°C, SG3731 with 0°C ≤ TA ≤ 70°C, VS = ±15V, and VO = ±22V. Low duty cycle pulse testing techniques are used which maintains junction
and case temperatures equal to the ambient temperature.)
SG1731/2731/3731
Parameter
Units
Min.
Typ. Max.
Test Conditions
C
T Charging Current
2V
∆± Input Bias Current
Initial Oscillator Frequency
Temperature Stability (Note 3)
Oscillator Section
T
A = 25°C
T
A = TMIN to TMAX
V
CM = ±5V
C
T = 1000pF, 2V∆± = ±5V,TA = 25°C
C
T = 1000pF, 2V∆± = ±5V
500
25.0
550
600
-20
27.5
10
450
400
22.5
µA
µA
µA
KHz
%
mV
µA
nA
dB
V
dB
V/
µs
MHz
10
1
10
3
600
70
±10
70
5
0.7
R
L = 2KΩ
R
L = 2KΩ
T
A = 25°C
T
A = 25°C
Input Offset Voltage
Input Bias Current
Input Offset Current
Open Loop Voltage Gain
Output Voltage Swing
Common-Mode Rejection Ratio
Slew Rate (Notes 3 and 4)
Unity Gain Bandwidth (Notes 3 and 4)
Error Amplifier Section (Note 5)
Input Bias Current
6
µA
±V
T = ±3V
PWM Comparators
RoHS Peak Package Solder Reflow Temp.(40 sec. max. exp.)...... 260°C (+0, -5)


Similar Part No. - SG3731J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3731J MICROSEMI-SG3731J Datasheet
140Kb / 5P
   DC MOTOR PULSE WIDTH MODULATOR
More results

Similar Description - SG3731J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1731 MICROSEMI-SG1731 Datasheet
140Kb / 5P
   DC MOTOR PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com