Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2825CN Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG2825CN
Description  HIGH-SPEED CURRENT-MODE PWM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2825CN Datasheet(HTML) 1 Page - Microsemi Corporation

  SG2825CN Datasheet HTML 1Page - Microsemi Corporation SG2825CN Datasheet HTML 2Page - Microsemi Corporation SG2825CN Datasheet HTML 3Page - Microsemi Corporation SG2825CN Datasheet HTML 4Page - Microsemi Corporation SG2825CN Datasheet HTML 5Page - Microsemi Corporation SG2825CN Datasheet HTML 6Page - Microsemi Corporation SG2825CN Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P RODU C T ION D AT A S HEET
T HE
I NFI N ITE
P O W ER
OF
I N NOVATIO N
L IN F IN IT Y M IC ROEL E C TRON IC S I NC .
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
1
Copyright
© 1994
Rev. 1.3a,2005-03-21
SG1825C / SG2825C / SG3825C
H IGH -S PEED C URRENT -M ODE PWM
DESCRI PTI O N
The SG1825C is a high-performance pulse
width modulator optimized for high frequency
current-mode power supplies. Included in the
controller are a precision voltage reference,
micro power start-up circuitry, soft start, high-
frequency oscillator, wideband error amplifier,
fast current limit comparator, full double-pulse
suppression logic, and dual totem pole output
drivers. Innovative circuit design and an
advanced linear Schottky process result in
very short propagation delays through the
current limit comparator, logic, and output
drivers. This device can be used to
implement either current mode or voltage-
mode switching power supplies. It also is
useful as a series-resonant controller to
frequencies beyond 1MHz. The SG1825C is
specified for operation over the full military
ambient temperature range of -55°C to
125°C.
The SG2825C is characterized for the
industrial range of -25°C to 85°C, and the
SG3825C is selected for the commercial
range of 0°C to 70°C.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
PRODUCT H I GHLIGHT
0
5
15
10
390
395
400
405
410
Initial Oscillator Accuracy - KHz
415
Sample Size = 279
Mean 401.661
Std. Dev. = 3.8
INITIAL OSCILLATOR ACCURACY
KEY FEATUR ES
IMPROVED REFERENCE
INITIAL TOLERANCE (±1%
max.)
IMPROVED OSCILLATOR
INITIAL ACCURACY (±3% typ.)
IMPROVED STARTUP
CURRENT (500µA typ.)
PROP DELAY TO OUTPUTS
(50ns typ.)
10V TO 30V OPERATION
5.1V REFERENCE TRIMMED
TO ±1%
2MHZ OSCILLATOR
CAPABILITY
1.5A PEAK TOTEM-POLE
DRIVERS
U.V. LOCKOUT WITH
HYSTERESIS
NO OUTPUT DRIVER "FLOAT"
PROGRAMMABLE
SOFTSTART
DOUBLE-PULSE
SUPPRESSION LOGIC
WIDEBAND LOW-IMPEDANCE
ERROR AMPLIFIER
CURRENT-MODE OR
VOLTAGE-MODE CONTROL
WIDE CHOICE OF HIGH-
FREQUENCY PACKAGES
KEY FEATUR ES
AVAILABLE TO MIL-STD-883B
MICROSEMI LEVEL "S"
PROCESSING AVAIL.
PACKAGE ORDER INFO
N
Plastic DIP
16-Pin
DW
Plastic SOIC
16-Pin
Q
Plastic LCC
20-Pin
J
Ceramic DIP
16-Pin
L
Ceramic LCC
20-Pin
TJ (
°C)
RoHS Compliant / Pb-free
Transition DC: 0503
RoHS Compliant / Pb-free
Transition DC: 0516
0 to 70
SG3825CN
SG3825CDW
SG32825CQ
SG3825CJ
-
-25 to 85
SG2825CN
SG2825CDW
SG2825CQ
SG282CJ
-
-55 to 125
-
-
-
SG1825CJ
SG1825CL
MIL-STD-883
-
-
-
SG1825CJ/883B
SG1825CL/883
DESC
-
-
-
SG1825CJ/DESC SG1825CL/DESC
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. SG3825CN-TR)


Similar Part No. - SG2825CN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2825CN MICROSEMI-SG2825CN Datasheet
184Kb / 7P
   HIGH - SPEED CURRENT - MODE PWM
More results

Similar Description - SG2825CN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1825C MICROSEMI-SG1825C Datasheet
184Kb / 7P
   HIGH - SPEED CURRENT - MODE PWM
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
   Single Event Radiation Hardened High Speed, Current Mode PWM
logo
Renesas Technology Corp
HA16150T RENESAS-HA16150T Datasheet
297Kb / 25P
   High-Speed Current Mode Push-Pull PWM Control IC
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Renesas Technology Corp
HA17384SPS RENESAS-HA17384SPS Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Hitachi Semiconductor
HA17384SPS HITACHI-HA17384SPS Datasheet
145Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
List of Unclassifed Man...
AX3842 ETC-AX3842 Datasheet
265Kb / 12P
   High Performance Current Mode Pwm Controlers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com