Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2825CN Datasheet(PDF) 6 Page - Microsemi Corporation

Part # SG2825CN
Description  HIGH-SPEED CURRENT-MODE PWM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2825CN Datasheet(HTML) 6 Page - Microsemi Corporation

  SG2825CN Datasheet HTML 1Page - Microsemi Corporation SG2825CN Datasheet HTML 2Page - Microsemi Corporation SG2825CN Datasheet HTML 3Page - Microsemi Corporation SG2825CN Datasheet HTML 4Page - Microsemi Corporation SG2825CN Datasheet HTML 5Page - Microsemi Corporation SG2825CN Datasheet HTML 6Page - Microsemi Corporation SG2825CN Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
H IGH -S PEED C URRENT -M ODE PWM
SG1825C/SG2825C/SG3825C
PRODUCT DA T ABOOK 1996/1997
Copyright © 1994
Rev. 1.3a
6
N OT R ECOMMENDED FOR N EW D ESIGNS
APPLICATION INFORMATION
The SG1825C, like all high-speed circuits, requires extra attention to external
conductor and component layout to minimize undesired inductive and
capacitive effects. All lead lengths must be as short as possible. The best
printed circuit board choice would be a four-layer design, with the two
internal planes supplying power and ground. Signal interconnects should
be placed on the outside, giving a conductor-over-ground-plane
(microstrip) configuration. A two-sided printed circuit board with one side
dedicated as a ground plane is next best, and requires careful component
placement by a skilled pc designer.
Two supply bypass capacitors should be employed: a low-inductance
0.1µF ceramic within 0.25 inches of the +V
IN pin for high frequencies, and
a 1 to 5µF solid tantalum within 0.5 inches of the V
C pin to provide an energy
reservoir for the high-peak output currents. A low-inductance .01µF bypass
for the reference output is also recommended.
HIGH-SPEED LAYOUT AND BYPASSING
FIGURE 1. — HIGH-SPEED LAYOUT and BYPASSING
FREQUENCY SYNCHRONIZATION
Two or three SG1825C oscillators may be locked together with the
interconnection scheme shown, if the devices are within an inch or so of
each other. A master unit is programmed for desired frequency with R
T and
C
T as usual. The oscillators in the slave units are disabled by grounding CT
and by connecting R
T to VREF. The logic in the slave units is locked to the
clock of the master with the wire-OR connection shown.
Many SG1825Cs can be locked to a master system clock by wiring the
oscillators as slave units, and distributing the master clock to each using a
tree-fanout geometry.
Since the SG1825C typically draws 700µA of supply current before turning
on, a low power bleeder resistor from the rectified AC line supply is all that
is required for startup. A start capacitor, C
S, is charged with the excess
current from the bleeder resistor. When the turn-on threshold voltage is
reached, the PWM circuit becomes active, energizing the power transistors.
The additional operating current required by the PWM is then provided by
a bootstrap winding on the main high-frequency power transformer.
SOFTSTART CIRCUIT / OUTPUT DUTY CYCLE LIMIT
The softstart pin of the SG1825C is held low when either the chip is in the
micropower mode, or when a voltage greater than +1.4 volts is present at
the I
LIM/S.D. pin. The maximum positive swing of the voltage error amplifier
is clamped to the Softstart pin voltage, providing a ramp-up of peak charging
currents in the power semiconductors at turn-on.
In some cases, the duration of the Shutdown signal can be too short to
fully discharge the softstart capacitor. The illustrated resistor/discrete PNP
transistor configuration can be used to shorten the discharge time by a factor
of 50 or more. When the internal discharge transistor in the SG1825C turns
on, current will flow through surge limit resistor R1. As the resistor drop
approaches 0.6 volts, the external PNP turns on, providing a low resistance
discharge path for the energy in the softstart capacitor. The capacitor will
be rapidly discharged to +0.7 volts, which corresponds to zero duty cycle
in the pulse width modulator.
APPLICATION FIGURES
FIGURE 3. — SOFTSTART FAST RESET
MICROPOWER STARTUP
13
12
10
V
C
POWER
GND
GND
15 +V
IN
0.1µF
+ V
IN
R
B
C
S
TO POWER TRANSFORMER
SG1825C
L1
GND
L2
1µF
C
T
R
T
10
12
6
PWR GND
GND
+V
IN
15
0.1µF
+ V
IN
5
SG1825C
CLK
4
C
T
R
T
10
12
6
PWR GND
GND
+V
IN
15
0.1µF
5
SG1825C
V
REF
16
CLK
4
C
T
R
T
MASTER
SLAVE
V
REF
V
C
0.01µF
V
REF
10
12
13
PWR GND
GND
+V
IN
15
0.1µF
+V
IN
1µF
16
SG1825C
FIGURE 2. — MICROPOWER STARTUP
V
C
C
SS
10
12
13
PWR GND
GND
+V
IN
15
0.1µF
+ V
IN
1µF
8
SG1825C
R
1
100
W
C
SOFTSTART
FIGURE 4. — OSCILLATOR SYCHRONIZATION


Similar Part No. - SG2825CN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2825CN MICROSEMI-SG2825CN Datasheet
184Kb / 7P
   HIGH - SPEED CURRENT - MODE PWM
More results

Similar Description - SG2825CN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1825C MICROSEMI-SG1825C Datasheet
184Kb / 7P
   HIGH - SPEED CURRENT - MODE PWM
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
   Single Event Radiation Hardened High Speed, Current Mode PWM
logo
Renesas Technology Corp
HA16150T RENESAS-HA16150T Datasheet
297Kb / 25P
   High-Speed Current Mode Push-Pull PWM Control IC
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Renesas Technology Corp
HA17384SPS RENESAS-HA17384SPS Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Hitachi Semiconductor
HA17384SPS HITACHI-HA17384SPS Datasheet
145Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
List of Unclassifed Man...
AX3842 ETC-AX3842 Datasheet
265Kb / 12P
   High Performance Current Mode Pwm Controlers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com