Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8735 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A8735
Description  Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8735 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A8735 Datasheet HTML 1Page - Allegro MicroSystems A8735 Datasheet HTML 2Page - Allegro MicroSystems A8735 Datasheet HTML 3Page - Allegro MicroSystems A8735 Datasheet HTML 4Page - Allegro MicroSystems A8735 Datasheet HTML 5Page - Allegro MicroSystems A8735 Datasheet HTML 6Page - Allegro MicroSystems A8735 Datasheet HTML 7Page - Allegro MicroSystems A8735 Datasheet HTML 8Page - Allegro MicroSystems A8735 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ultra Small Mobile Phone Xenon Photoflash
Capacitor Charger with IGBT Driver
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
A8735
Selection Guide
Part Number
Packing
Package
A8735EEETR-T
3000 pieces per reel
8-contact DFN/MLP with exposed thermal pad
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
SW Pin
VSW
DC voltage.
(VSW is self-clamped by internal active clamp
and is allowed to exceed 50 V during flyback
spike durations. Maximum repetitive energy
during flyback spike: 0.5 μJ at frequency
≤ 400 kHz.)
–0.3 to 50
V
ISW
DC current, pulse width = 1 ms
3
A
VIN_DRV, VBAT Pins
VIN
–0.3 to 6.0
V
CHARGE, TRIG, ¯D¯¯O¯¯N¯¯E¯ Pins
Care should be taken to limit the current when
–0.6 V is applied to these pins.
–0.6 to VIN + 0.3 V
V
Remaining Pins
–0.3 to VIN + 0.3 V
V
Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Maximum Junction
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
THERMAL CHARACTERISTICS may require derating at maximum conditions
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
4-layer PCB, based on JEDEC standard
49
ºC/W
*Additional thermal information available on Allegro Web site.


Similar Part No. - A8735

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8731 ALLEGRO-A8731 Datasheet
466Kb / 16P
   The Allegro A8731 Xenon photoflash charger IC is designed to meet the needs of ultra-low power, small form factor cameras, particularly camera-phones.
A8731EEJTR-T ALLEGRO-A8731EEJTR-T Datasheet
466Kb / 16P
   The Allegro A8731 Xenon photoflash charger IC is designed to meet the needs of ultra-low power, small form factor cameras, particularly camera-phones.
A8732 ALLEGRO-A8732 Datasheet
552Kb / 20P
   Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8732EEETR-T ALLEGRO-A8732EEETR-T Datasheet
552Kb / 20P
   Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8739 ALLEGRO-A8739 Datasheet
569Kb / 21P
   The Allegro A8739 is a Xenon photoflash charger IC designed to provide an ultra-small solution with flexibility to adjust both charging current limit and output voltage target.
More results

Similar Description - A8735

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8732 ALLEGRO-A8732 Datasheet
552Kb / 20P
   Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8740 ALLEGRO-A8740 Datasheet
480Kb / 18P
   Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
   Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8437 ALLEGRO-A8437 Datasheet
635Kb / 21P
   Mobile Phone Xenon Photoflash Capacitor Charger
A8438 ALLEGRO-A8438 Datasheet
528Kb / 13P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_13 Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_06 Datasheet
578Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8837 ALLEGRO-A8837 Datasheet
426Kb / 11P
   Photoflash Capacitor Charger with IGBT Driver
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
logo
Richtek Technology Corp...
RT9591 RICHTEK-RT9591 Datasheet
298Kb / 13P
   Smart Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com