Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4988 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A4988
Description  DMOS Microstepping Driver with Translator and Overcurrent Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4988 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A4988 Datasheet HTML 1Page - Allegro MicroSystems A4988 Datasheet HTML 2Page - Allegro MicroSystems A4988 Datasheet HTML 3Page - Allegro MicroSystems A4988 Datasheet HTML 4Page - Allegro MicroSystems A4988 Datasheet HTML 5Page - Allegro MicroSystems A4988 Datasheet HTML 6Page - Allegro MicroSystems A4988 Datasheet HTML 7Page - Allegro MicroSystems A4988 Datasheet HTML 8Page - Allegro MicroSystems A4988 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
4988-DS
Features and Benefits
▪ Low RDS(ON) outputs
▪ Automatic current decay mode detection/selection
▪ Mixed and Slow current decay modes
▪ Synchronous rectification for low power dissipation
▪ Internal UVLO
▪ Crossover-current protection
▪ 3.3 and 5 V compatible logic supply
▪ Thermal shutdown circuitry
▪ Short-to-ground protection
▪ Shorted load protection
▪ Five selectable step modes: full, 1/2, 1/4, 1/8, and 1/16
Package:
Description
The A4988 is a complete microstepping motor driver with
built-in translator for easy operation. It is designed to operate
bipolar stepper motors in full-, half-, quarter-, eighth-, and
sixteenth-step modes, with an output drive capacity of up to
35 V and ±2 A. The A4988 includes a fixed off-time current
regulator which has the ability to operate in Slow or Mixed
decay modes.
The translator is the key to the easy implementation of the
A4988. Simply inputting one pulse on the STEP input drives
the motor one microstep. There are no phase sequence tables,
high frequency control lines, or complex interfaces to program.
The A4988 interface is an ideal fit for applications where a
complex microprocessor is unavailable or is overburdened.
During stepping operation, the chopping control in the A4988
automatically selects the current decay mode, Slow or Mixed.
In Mixed decay mode, the device is set initially to a fast decay
for a proportion of the fixed off-time, then to a slow decay for
the remainder of the off-time. Mixed decay current control
results in reduced audible motor noise, increased step accuracy,
and reduced power dissipation.
DMOS Microstepping Driver with Translator
and Overcurrent Protection
Continued on the next page…
A4988
Microcontroller or
Controller Logic
V
DD
VREF
GND
GND
RESET
ENABLE
SLEEP
DIR
MS2
MS3
MS1
STEP
VBB1
CP1
VCP
VREG
VDD
ROSC
5 kΩ
0.22 μF
0.22 μF
0.1 μF0.1 μF
100 μF
CP2
VBB2
OUT1A
OUT1B
SENSE1
OUT2A
OUT2B
SENSE2
A4988
Approximate size
28-contact QFN
with exposed thermal pad
5 mm × 5 mm × 0.90 mm
(ET package)
Typical Application Diagram


Similar Part No. - A4988

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4988 ALLEGRO-A4988 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988SET-T ALLEGRO-A4988SET-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
More results

Similar Description - A4988

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984 ALLEGRO-A4984_12 Datasheet
451Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4985 ALLEGRO-A4985_12 Datasheet
449Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4984 ALLEGRO-A4984 Datasheet
425Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4985 ALLEGRO-A4985 Datasheet
424Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com