Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1229LLTTR-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1229LLTTR-T
Description  Hall Effect Latch for High Temperature Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1229LLTTR-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1229LLTTR-T Datasheet HTML 4Page - Allegro MicroSystems A1229LLTTR-T Datasheet HTML 5Page - Allegro MicroSystems A1229LLTTR-T Datasheet HTML 6Page - Allegro MicroSystems A1229LLTTR-T Datasheet HTML 7Page - Allegro MicroSystems A1229LLTTR-T Datasheet HTML 8Page - Allegro MicroSystems A1229LLTTR-T Datasheet HTML 9Page - Allegro MicroSystems A1229LLTTR-T Datasheet HTML 10Page - Allegro MicroSystems A1229LLTTR-T Datasheet HTML 11Page - Allegro MicroSystems A1229LLTTR-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Functional Description and Application Information
Switching Behavior
The output of the A1225, A1227, and A1229 devices switches
low (turns on) when a magnetic field perpendicular to the Hall
element exceeds the operate point threshold, BOP (see figure 1).
After turn-on, the output is capable of sinking 25 mA and the
output voltage is VOUT(sat). Notice that the device latches; that is,
a south pole of sufficient strength towards the branded surface
of the device turns the device on, and the device remains on with
removal of the south pole.
When the magnetic field is reduced below the release point, BRP,
the device output goes high (turns off). The difference between
the magnetic operate point and release point is the hysteresis,
BHYS, of the device. This built-in hysteresis allows clean switch-
ing of the output, even in the presence of external mechanical
vibration and electrical noise.
When the device is powered-on in the hysteresis range, less than
BOP and higher than BRP, the device output goes high. The correct
output state is attained after the first excursion beyond BOP or
BRP.
Application Information
The simplest form of magnet that will operate these devices is a
ring magnet, as shown in figure 2. Other methods of operation
are possible.
In three-wire applications the device output is connected through
a pull-up resistor to the supply pin or separate battery voltage
(figure 3). Switching of the output signal indicates sufficient
change of the magnetic field.
BHYS
VCC
VOUT(sat)
B+
B–
V+
0
Figure 1. Output switching characteristics
Figure 2. Typical magnetic target configuration using a ring magnet
Figure 3. Typical 3-wire application circuit
A122x
VOUT
GND
CBYPASS
CL
(Optional)
VPULLUP
V+
RPULLUP
VCC
Device
Output
Hall Effect Latch for High Temperature Operation
A1225, A1227
and
A1229
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A1229LLTTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1229 ALLEGRO-A1229 Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
More results

Similar Description - A1229LLTTR-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1826 UTC-SK1826 Datasheet
193Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1812 UTC-SK1812_07 Datasheet
58Kb / 6P
   BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816_12 Datasheet
289Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816_18 Datasheet
239Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1812 UTC-SK1812 Datasheet
193Kb / 6P
   BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816 Datasheet
262Kb / 7P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816M UTC-SK1816M_18 Datasheet
217Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH175 DIODES-AH175_10 Datasheet
166Kb / 9P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com