Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1230LLTR-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1230LLTR-T
Description  Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1230LLTR-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1230LLTR-T Datasheet HTML 1Page - Allegro MicroSystems A1230LLTR-T Datasheet HTML 2Page - Allegro MicroSystems A1230LLTR-T Datasheet HTML 3Page - Allegro MicroSystems A1230LLTR-T Datasheet HTML 4Page - Allegro MicroSystems A1230LLTR-T Datasheet HTML 5Page - Allegro MicroSystems A1230LLTR-T Datasheet HTML 6Page - Allegro MicroSystems A1230LLTR-T Datasheet HTML 7Page - Allegro MicroSystems A1230LLTR-T Datasheet HTML 8Page - Allegro MicroSystems A1230LLTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Ultra-Sensitive Dual-Channel Quadrature
Hall-Effect Bipolar Switch
A1230
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
MAGNETIC CHARACTERISTICS6
Operate Point: B > BOP
BOP(A),BOP(B)
7
30
G
Release Point: B < BRP
BRP(A), BRP(B)
–30
–7
G
Hysteresis: BOP(A) – BRP(A),
BOP(B) – BRP(B)
BHYS(A), BHYS(B)
514
35
G
Symmetry: Channel A, Channel B,
BOP(A) + BRP(A), BOP(B) + BRP(B)
SYMA, SYMB
–35
35
G
Operate Symmetry: BOP(A) – BOP(B)
SYMAB(OP)
–25
25
G
Release Symmetry: BRP(A) – BRP(B)
SYMAB(RP)
–25
25
G
11 G (gauss) = 0.1 mT (millitesla).
2When operating at maximum voltage, never exceed maximum junction temperature, TJ(max). Refer to power derating curve charts.
3 Device will survive the current level specified, but operation within magnetic specification cannot be guaranteed.
4 Short circuit of the output to VCC is protected for the time duration specified.
5 Maximum specification limit is equivalent to ICC(max) + 3 mA.
6 Magnetic flux density, B, is indicated as a negative value for north-polarity magnetic fields, and as a positive value for south-polarity
magnetic fields. This so-called algebraic convention supports arithmetic comparison of north and south polarity values, where the
relative strength of the field is indicated by the absolute value of B, and the sign indicates the polarity of the field (for example, a
–100 G field and a 100 G field have equivalent strength, but opposite polarity).
OPERATING CHARACTERISTICS (continued) Valid over operating temperature ranges unless otherwise noted; typical
data applies to VCC = 12 V, and TA = 25ºC
Characteristic
Symbol
Test Conditions
Min. Typ. Max.
Unit1
EMC
Contact Allegro MicroSystems for EMC performance.


Similar Part No. - A1230LLTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1230LLTR-T ALLEGRO-A1230LLTR-T Datasheet
822Kb / 17P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
More results

Similar Description - A1230LLTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3425 ALLEGRO-A3425 Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230_16 Datasheet
822Kb / 17P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A3425 ALLEGRO-A3425_06 Datasheet
495Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
3425 ALLEGRO-3425 Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
A3132 ALLEGRO-A3132 Datasheet
122Kb / 6P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
3132 ALLEGRO-3132 Datasheet
163Kb / 8P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
logo
Major-Power Technology ...
MA7002 MPOWER-MA7002 Datasheet
175Kb / 2P
   Ultra-sensitive Hall Effect Switch
Rev.1.2
logo
Diodes Incorporated
AH1389 DIODES-AH1389 Datasheet
528Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
AH1388 DIODES-AH1388 Datasheet
469Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
May 2020 Rev. 1 - 2
AH1390 DIODES-AH1390 Datasheet
499Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com