Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1120LLHLX-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1120LLHLX-T
Description  Chopper Stabilized Precision Hall Effect Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1120LLHLX-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1120LLHLX-T Datasheet HTML 5Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 6Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 7Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 8Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 9Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 10Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 11Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 12Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Chopper Stabilized Precision Hall Effect Switches
A1120, A1121
and A1125
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
CBYP
A112x
VOUT
GND
0.1 μF
VCC
Output
RL
VS
Operation
The output of the A1120 and A1121 devices switches low (turns
on) when a magnetic field perpendicular to the Hall element
exceeds the operate point threshold, BOP (see panel A of figure
1). When the magnetic field is reduced below the release point,
BRP, the device output goes high (turns off). The output of the
A1125 devices switches high (turns off) when a magnetic field
perpendicular to the Hall element exceeds the operate point
threshold, BOP (see panel B of figure 1). When the magnetic field
is reduced below the release point, BRP, the device output goes
low (turns on).
After turn-on, the output voltage is VOUT(SAT). The output tran-
sistor is capable of sinking current up to the short circuit current
limit, IOM, which is a minimum of 30 mA.
The difference in the magnetic operate and release points is the
hysteresis, BHYS, of the device. This built-in hysteresis allows
clean switching of the output even in the presence of external
mechanical vibration and electrical noise. Powering-on the device
in the hysteresis range (less than BOP and higher than BRP) will
give an indeterminate output state. The correct state is attained
after the first excursion beyond BOP or BRP.
Applications
It is strongly recommended that an external bypass capacitor be
connected (in close proximity to the Hall element) between the
supply and ground of the device to reduce external noise in the
application. As is shown in panel B of figure 1, a 0.1 μF capacitor
is typical.
Extensive applications information for Hall effect devicers is
available in:
• Hall-Effect IC Applications Guide, Application Note 27701
• Guidelines for Designing Subassemblies Using Hall-Effect
Devices, Application Note 27703.1
• Soldering Methods for Allegro’s Products – SMT and Through-
Hole, Application Note 26009
All are provided in Allegro Electronic Data Book, AMS-702, and
the Allegro Web site, www.allegromicro.com.
Figure 1. Device switching behavior. In panels A and B, on the horizontal axis, the B+ direction indicates increasing south polarity magnetic field strength.
This behavior can be exhibited when using an electrical circuit such as that shown in panel C.
(A)
(B)
(C)
Functional Description
BHYS
VCC
VOUT(SAT)
B+
V+
0
0
BHYS
VCC
VOUT(SAT)
B+
V+
0
0


Similar Part No. - A1120LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120LLHLX-T ALLEGRO-A1120LLHLX-T Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1120LLHLX-T ALLEGRO-A1120LLHLX-T Datasheet
345Kb / 14P
   Chopper Stabilized Precision Hall Effect Switches
A1120LLHLX-T ALLEGRO-A1120LLHLX-T Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
More results

Similar Description - A1120LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
1120 ALLEGRO-1120_V12 Datasheet
345Kb / 14P
   Chopper Stabilized Precision Hall Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245 ALLEGRO-A3245_06 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com