Part Name
         Description
ACS709LLFTR-35BB-T

 High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package ( 16 Page)


ALLEGRO
100% 
Zoom Out Zoom In
 
 14 page
background image
High Bandwidth, Fast Fault Response Current Sensor IC
In Thermally Enhanced Package
ACS709
14
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Sensitivity (Sens). The change in device output in response to a
1A change through the primary conductor. The sensitivity is the
product of the magnetic circuit sensitivity (G /A) and the linear
IC amplifier gain (mV/G). The linear IC amplifier gain is pro-
grammed at the factory to optimize the sensitivity (mV/A) for the
full-scale current of the device.
Noise (VNOISE). The product of the linear IC amplifier gain
(mV/G) and the noise floor for the Allegro Hall effect linear IC
(≈1 G). The noise floor is derived from the thermal and shot
noise observed in Hall elements. Dividing the noise (mV) by the
sensitivity (mV/A) provides the smallest current that the device is
able to resolve.
Linearity (ELIN). The degree to which the voltage output from
the device varies in direct proportion to the primary current
through its full-scale amplitude. Nonlinearity in the output can be
attributed to the saturation of the flux concentrator approaching
the full-scale current. The following equation is used to derive the
linearity:
where VIOUT_full-scale amperes = the output voltage (V) when the
sensed current approximates full-scale ±IP .
Symmetry (ESYM). The degree to which the absolute voltage
output from the device varies in proportion to either a positive
or negative full-scale primary current. The following formula is
used to derive symmetry:
Quiescent output voltage (VIOUT(Q)). The output of the device
when the primary current is zero. For a unipolar supply voltage,
it nominally remains at 0.5×VCC. For example, in the case of a
bidirectional output device, VCC = 5 V translates into VIOUT(Q) =
2.5 V. Variation in VIOUT(Q) can be attributed to the resolution of
the Allegro linear IC quiescent voltage trim and thermal drift.
Electrical offset voltage (VOE). The deviation of the device out-
put from its ideal quiescent voltage due to nonmagnetic causes. To
convert this voltage to amperes, divide by the device sensitivity,
Sens.
Accuracy (ETOT). The accuracy represents the maximum devia-
tion of the actual output from its ideal value. This is also known
as the total ouput error. The accuracy is illustrated graphically in
the output voltage versus current chart at right. Note that error is
directly measured during final test at Allegro.
Accuracy is divided into four areas:
 0 A at 25°C. Accuracy of sensing zero current flow at 25°C,
without the effects of temperature.
 0 A over Δ temperature. Accuracy of sensing zero current
flow including temperature effects.
 Full-scale current at 25°C. Accuracy of sensing the full-scale
current at 25°C, without the effects of temperature.
 Full-scale current over Δ temperature. Accuracy of sensing full-
scale current flow including temperature effects.
Ratiometry. The ratiometric feature means that its 0 A output,
VIOUT(Q), (nominally equal to VCC/2) and sensitivity, Sens, are
proportional to its supply voltage, VCC.The following formula is
used to derive the ratiometric change in 0 A output voltage,
VIOUT(Q)RAT (%).
The ratiometric change in sensitivity,
SensRAT (%), is defined as:
Definitions of Accuracy Characteristics
100 1–
[{
[ {
VIOUT_full-scale amperes – VIOUT(Q)
2 (VIOUT_1/2 full-scale amperes – VIOUT(Q))
100
VIOUT_+ full-scale amperes – VIOUT(Q)
VIOUT(Q) – VIOUT_–full-scale amperes

100
VIOUT(Q)VCC / VIOUT(Q)5V
VCC / 5 V

100
SensVCC / Sens5V
VCC / 5 V
Output Voltage versus Sensed Current
Accuracy at 0 A and at Full-Scale Current
Increasing V
IOUT(V)
+I
P (A)
Accuracy
Accuracy
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
0 A
vr
Oe
Temp erature
Average
V
IOUT
–I
P (A)
vr
Oe
Temp erature
vr
Oe
Temp erature
Decreasing V
IOUT(V)
IP(min)
IP(max)
Full Scale



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl